Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382764HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382764HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382764HM
Download  ATS-6382764HM Download
File Size   662.72 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.00mm W/B Receptacle Terminals

ATS-6382764HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382764HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382764HM
Download  ATS-6382764HM Click to download

File Size   662.72 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.00mm W/B Receptacle Terminals

ATS-6382764HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382764HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
A-620 Class 2 compliant and RoHS compliant
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).




Similar Part No. - ATS-6382764HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382760HM MOLEX11-ATS-6382760HM Datasheet
683Kb / 7P
A full cycle ratcheting hand tool ensures complete crimps
ATS-6382760HM MOLEX-ATS-6382760HM Datasheet
683Kb / 7P
Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
ATS-6382762HM MOLEX-ATS-6382762HM Datasheet
1Mb / 7P
Hand Tool for Appli-Mate RAST Power Connectors
10-27-14
ATS-6382763HM MOLEX-ATS-6382763HM Datasheet
1Mb / 9P
Hand Tool for Appli-Mate RAST5 Connectors
10-01-14
ATS-6382769HM MOLEX-ATS-6382769HM Datasheet
605Kb / 6P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
12-16-14
More results


Similar Description - ATS-6382764HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-1400 MOLEX11-63823-1400 Datasheet
32Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Female Crimp Terminals
63823-5600 MOLEX11-63823-5600 Datasheet
32Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Male Crimp Terminals
0638276400 MOLEX11-0638276400 Datasheet
64Kb / 1P
Hand Crimp Tool for 2.00mm W/B Receptacle Terminals
ATS-638190500 MOLEX-ATS-638190500 Datasheet
621Kb / 7P
Hand Crimp Tool For 2.00mm (.079") Pitch Crimp Terminals
01-26-12
ATS-638198300 MOLEX-ATS-638198300 Datasheet
401Kb / 6P
Hand Crimp Tool: for CTX280 Receptacle Terminals
04-30-12
0638198200 MOLEX-0638198200 Datasheet
36Kb / 1P
Hand Crimp Tool for CTX280 Receptacle Terminals
11/02/2021
0638231400 MOLEX-0638231400 Datasheet
34Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Female Crimp Terminals
11/02/2021
63811-1200 MOLEX-63811-1200 Datasheet
145Kb / 5P
Hand Crimp Tool for 2.00mm (.079) Pitch Crimp Terminals
04-15-08
213309-2100 MOLEX-213309-2100 Datasheet
1,013Kb / 6P
Hand Crimp Tool for TAK50 Receptacle Crimp Terminals
09-08-21
0638235600 MOLEX-0638235600 Datasheet
33Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Male Crimp Terminals
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com