Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-640080770 Datasheet (PDF) - Molex Electronics Ltd.

ATS-640080770 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-640080770
Download  ATS-640080770 Download
File Size   111.16 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 70mm2 Compression Lugs

ATS-640080770 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-640080770 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-640080770
Download  ATS-640080770 Click to download

File Size   111.16 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 70mm2 Compression Lugs

ATS-640080770 Datasheet (HTML) - Molex Electronics Ltd.


ATS-640080770 Product details

SCOPE
Tooling: The Square “DIN” style die sets are used with two machines and each machine requires an adapter for
the square “DIN” dies. The Molex UP60, order number 63801-8900 will process the square “DIN” style
die sets with the 63801-8901 adapter. The Molex 12 ton battery crimp tool, order number 63816-1000
will process the square “DIN” style die sets with the 63816-1100 adapter. Refer to the appropriate
crimper instruction manual for installation and operation information.
Products: Metric Compression Lug Terminals and Splices 70mm² (2/0 AWG). Refer to the Product part number
charts on this sheet for terminals with the barrel and tongue styles listed above.




Similar Part No. - ATS-640080770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
More results


Similar Description - ATS-640080770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081070 MOLEX-ATS-640081070 Datasheet
112Kb / 2P
Crimp Tool Kit for 150mm2 Compression Lugs
11-03-13
ATS-640081270 MOLEX-ATS-640081270 Datasheet
110Kb / 2P
Crimp Tool kit for 150mm짼 Compression Lugs (14mm wide)
11-03-13
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com