Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-RG10 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-RG10 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-RG10
Download  HLMP-RG10 Download
File Size   274.78 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4 mm Oval Precision Optical Performance LED Lamps

HLMP-RG10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-RG10 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-RG10
Download  HLMP-RG10 Click to download

File Size   274.78 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4 mm Oval Precision Optical Performance LED Lamps

HLMP-RG10 Datasheet (HTML) - Agilent(Hewlett-Packard)


HLMP-RG10 Product details

Description
These Precision Optical Performance Oval LEDs are specifically designed for Full Color/Video and Passenger Information signs. The oval shaped radiation pattern (60° x 120°) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign.

Features
• Well defined spatial radiation pattern
• Viewing angle:
   major axis 120°
   minor axis 60°
• High luminous output
• Two red and amber intensity levels
   AlInGaP (bright) and
   AlInGaP II (brightest)
• Colors
   626/630 nm red
   590/592 nm amber
   526 nm green
   470 nm blue
• Superior resistance to moisture
• UV resistant epoxy

Benefits
• Viewing angle designed for wide
   field of view applications
• Superior performance for outdoor
   environments
• Radiation pattern matched for red,
   green, and blue for full color sign

Applications
• Full color signs




Similar Part No. - HLMP-RG10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-RG10-JM000 AVAGO-HLMP-RG10-JM000 Datasheet
239Kb / 9P
4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results


Similar Description - HLMP-RG10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com