Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906300 Datasheet (PDF) - PHOENIX CONTACT

2906300 Datasheet PDF - PHOENIX CONTACT
Part # 2906300
Download  2906300 Download
File Size   457.29 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UNO-PS/350-900DC/24DC/60W

2906300 Datasheet (PDF)

Go To PDF Page Download Datasheet
2906300 Datasheet PDF - PHOENIX CONTACT

Part # 2906300
Download  2906300 Click to download

File Size   457.29 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UNO-PS/350-900DC/24DC/60W

2906300 Datasheet (HTML) - PHOENIX CONTACT


2906300 Product details

Description
UNO POWER DC/DC converter – for photovoltaic
applications
The UNO POWER DC/DC converter is specifically
designed for photovoltaic applications. It supports direct
field installation thanks to the DC wide range input.
Due to its compact dimensions and large DC wide range
input, the UNO POWER DC/DC converter is the ideal
solution, especially in compact control boxes.

Features
– Ideal for use in photovoltaic systems, thanks to large
DC wide range input from 300 V DC ... 1000 V DC
– Superior system availability through reliable power
supply with 24 V DC
– Maximum energy efficiency thanks to optimized
efficiency over the entire operating range of the power
supply unit and low idling losses
– Simplified approval: UL 1741 certified
– Reliable supply thanks to the high MTBF (Mean Time
Between Failure) greater than 1 160 000 h (40°C)




Similar Part No. - 2906300

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906300 PHOENIX-2906300 Datasheet
67Kb / 6P
DC/DC converters - UNO-PS/350-900DC/24DC/60W
More results


Similar Description - 2906300

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906300 PHOENIX-2906300 Datasheet
67Kb / 6P
DC/DC converters - UNO-PS/350-900DC/24DC/60W
2902991 PHOENIX-2902991 Datasheet
462Kb / 19P
UNO-PS/1AC/24DC/30W
2902992 PHOENIX-2902992 Datasheet
465Kb / 19P
UNO-PS/1AC/24DC/60W
2902993 PHOENIX-2902993 Datasheet
465Kb / 19P
UNO-PS/1AC/24DC/100W
2902994 PHOENIX-2902994 Datasheet
72Kb / 5P
Power supply unit - UNO-PS/1AC/24DC/90W/C2LPS
2902995 PHOENIX-2902995 Datasheet
72Kb / 5P
Power supply unit - UNO-PS/1AC/48DC/ 60W
2904371 PHOENIX-2904371 Datasheet
70Kb / 5P
Power supply unit - UNO-PS/2AC/24DC/90W/C2LPS
2904372 PHOENIX-2904372 Datasheet
71Kb / 5P
Power supply unit - UNO-PS/1AC/24DC/240W
2904376 PHOENIX-2904376 Datasheet
69Kb / 5P
Power supply unit - UNO-PS/1AC/24DC/150W
2905907 PHOENIX-2905907 Datasheet
95Kb / 7P
Uninterruptible power supply - UNO-UPS/24DC/24DC/60W
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com