Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB10100-M3 Datasheet (PDF) - Vishay Siliconix

MBRB10100-M3 Datasheet PDF - Vishay Siliconix
Part # MBRB10100-M3
Download  MBRB10100-M3 Download
File Size   91.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier

MBRB10100-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB10100-M3 Datasheet PDF - Vishay Siliconix

Part # MBRB10100-M3
Download  MBRB10100-M3 Click to download

File Size   91.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier

MBRB10100-M3 Datasheet (HTML) - Vishay Siliconix


MBRB10100-M3 Product details

FEATURES
• Trench MOS Schottky technology
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters, or
polarity protection application.

MECHANICAL DATA
Case: D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked




Similar Part No. - MBRB10100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB10100-M3 VISHAY-MBRB10100-M3 Datasheet
93Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
15-May-13
MBRB10100-M3 VISHAY-MBRB10100-M3 Datasheet
94Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
15-May-13
logo
Inchange Semiconductor ...
MBRB10100-M3 ISC-MBRB10100-M3 Datasheet
274Kb / 2P
Schottky Barrier Diode
More results


Similar Description - MBRB10100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Oct-09
V20PW22 VISHAY-V20PW22 Datasheet
133Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
09-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com