Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

865230557006 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

865230557006 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 865230557006
Download  865230557006 Download
File Size   1063.2 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AS5H Aluminum Electrolytic Capacitors

865230557006 Datasheet (PDF)

Go To PDF Page Download Datasheet
865230557006 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865230557006
Download  865230557006 Click to download

File Size   1063.2 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AS5H Aluminum Electrolytic Capacitors

865230557006 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


865230557006 Product details

E General information:
Aluminium Electrolytic Capacitors
Storage Conditions:35°C, <45% RH
Operating Temperature:-40 °C bis +105 °C
Load Life:5000 h @ +105°C / 35 V (DC)
Test conditions of Electrical Properties:20°C, 33% RH; if not specified differently
FIT according to separate documentation




Similar Part No. - 865230557006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865230557007 WURTH-865230557007 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
More results


Similar Description - 865230557006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865230140001 WURTH-865230140001 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230242002 WURTH-865230242002 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230340001 WURTH-865230340001 Datasheet
996Kb / 6P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230343003 WURTH-865230343003 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230440002 WURTH-865230440002 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230540001 WURTH-865230540001 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230142003 WURTH-865230142003 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230145005 WURTH-865230145005 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230545004 WURTH-865230545004 Datasheet
1Mb / 8P
WCAP-AS5H Aluminum Electrolytic Capacitors
865230157008 WURTH-865230157008 Datasheet
698Kb / 9P
WCAP-AS5H Aluminum Electrolytic Capacitors
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com