Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7080 Datasheet (PDF) - Applied Motion Products, Inc.

7080 Datasheet PDF - Applied Motion Products, Inc.
Part # 7080
Download  7080 Download
File Size   74.09 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC

7080 Datasheet (PDF)

Go To PDF Page Download Datasheet
7080 Datasheet PDF - Applied Motion Products, Inc.

Part # 7080
Download  7080 Click to download

File Size   74.09 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC

7080 Datasheet (HTML) - Applied Motion Products, Inc.


7080 Product details

Features
• DC bus voltage 24-80 VDC motor supply (including
ripple)
• Switch selectable currents from 0.8–7.0 amps/
phase motor current
• Switch selectable Step resolutions from 200 to
50,800 steps/rev
• Switch selectable idle current reduction, 0% or
50%
• Optically isolated 5–24 VDC inputs for step, direction
and enable
• Enable input to turn off current to the motor
• 560 watts of usable power
• Short circuit and thermal protection
• Screw terminal connectors for power and motor
• MOSFET, dual H-bridge, inaudible PWM amplifier
• 3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17, 23, or 34
step motors
• CE compliant
Description
The 7080 step motor driver is a microstepping drive
from 200 to 50,800 steps per revolution, step phase
sequencer with MOSFET three state switching amplifiers
and optoisolated circuits. The drive also includes
an automatic feature to lower motor current
by 50% anytime the motor is left at rest for more
than one second. This feature can be disabled.
The amplifier regulates motor current by chopping
at a constant, inaudible frequency. Phase current is
selected by a DIP switch. Microstepping resolution
is also selected by DIP switch.




Similar Part No. - 7080

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
7080 AMP-7080 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
Bourns Electronic Solut...
7080-01-BO BOURNS-7080-01-BO Datasheet
393Kb / 1P
Network Interface Device
7080-01-CO BOURNS-7080-01-CO Datasheet
393Kb / 1P
Network Interface Device
7080-01-DO BOURNS-7080-01-DO Datasheet
393Kb / 1P
Network Interface Device
7080-01-EO BOURNS-7080-01-EO Datasheet
393Kb / 1P
Network Interface Device
More results


Similar Description - 7080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
Microstepping motor drive with STM8A and STM8S microcontrollers
06-Jul-2010
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
SI5580 AMP-SI5580 Datasheet
133Kb / 9P
Si5580 Programmable Step Motor Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com