Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS320A48 Datasheet (PDF) - Applied Motion Products, Inc.

PS320A48 Datasheet PDF - Applied Motion Products, Inc.
Part # PS320A48
Download  PS320A48 Download
File Size   880.79 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description PS320A48 Power Supply 320W/48V with PFC Function

PS320A48 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS320A48 Datasheet PDF - Applied Motion Products, Inc.

Part # PS320A48
Download  PS320A48 Click to download

File Size   880.79 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description PS320A48 Power Supply 320W/48V with PFC Function

PS320A48 Datasheet (HTML) - Applied Motion Products, Inc.


PS320A48 Product details

Features
▪ Universal input voltage range (85-265VAC)
▪ Built-in active PFC filter, PF>0.95, conforms to EN61000-3-2
▪ Safety Approvals: UL, TUV, CB, CE
▪ EMI: Conforms to EN55011-B, EN55022-B, FCC-B, CISPR-22-B
▪ EMS: Conforms to EN61000-4-2,3,4,5,6,8,11
▪ LED power indicator
▪ 48V output, manually adjustable output voltage +/-10%
▪ Peak current for motor application
▪ 100% full load burn-in tested, high performance, high reliability
▪ Compact size, 15% smaller than conventional products
▪ RoHS compliant
▪ Protection: Short circuit, overload, over voltage
▪ Built-in fan




Similar Part No. - PS320A48

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
PS320240T-004-1-02 POWERTIP-PS320240T-004-1-02 Datasheet
423Kb / 28P
STANDARD VALUE
More results


Similar Description - PS320A48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
320W Single Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320 Datasheet
247Kb / 2P
320W Quad Output with PFC Function
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
320W Single Output with PFC Function
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
320W Quad Output with PFC Function
RSP-320 MEANWELL-RSP-320 Datasheet
148Kb / 3P
320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
320W Single Output with PFC Function
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
320W Quad Output with PFC Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com