Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34348 Datasheet (PDF) - Applied Motion Products, Inc.

34348 Datasheet PDF - Applied Motion Products, Inc.
Part # 34348
Download  34348 Download
File Size   140.92 Kbytes
Page   10 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description PDO 5580 Packaged Pulse and Direction Step Motor Drive wih Digital Oscillator

34348 Datasheet (PDF)

Go To PDF Page Download Datasheet
34348 Datasheet PDF - Applied Motion Products, Inc.

Part # 34348
Download  34348 Click to download

File Size   140.92 Kbytes
Page   10 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description PDO 5580 Packaged Pulse and Direction Step Motor Drive wih Digital Oscillator

34348 Datasheet (HTML) - Applied Motion Products, Inc.


34348 Product details

Features
• AC input 110V or 220V switch selectable, 50-60 Hz
• DC bus voltage 75 VDC full load, 80 VDC nominal
• Switch selectable motor current from 0.5–5.5 amps/
phase
• Microstepping:
• Pulse and Direction mode: switch selectable 200 to
50,800 steps/rev
• Oscillator/Joystick mode: 12,800 steps/rev
• Switch selectable idle current reduction, 0 or 50%
• Optically isolated inputs/outputs
• Speed, Enable: optically isolated, differential 5–24 V
logic
• Step, Direction: optically isolated, differential
5–12 V logic
• Wiper: 0–5VDC analog signal
• Tach & Fault output: isolated phototransistor.
Output is 100 pulses per motor revolution, 50%
duty cycle.
• Internal Pot:
• Low speed 0–5 rps
• High speed 0–25 rps
• Accel/decel 1–250 rev/sec/sec
• External Speed, Pot or Joystick 3 terminal type, 1k–
10k ohms
• Self test, switch selectable
• 440 watts of usable power
• Overtemp, overcurrent and surge protection
• Screw terminal connectors
• Dual, MOSFET H-bridge, 3 state, pulse width modulated
amplifier switching at 20–30 KHz
• Ideal for 4, 6 or 8 leaded step motors NEMA sizes 23
or 34
• CE and TUV compliant
Description
The PDO5580 is stepper drive packaged in a rugged
steel case painted black with white epoxy silkscreen. Integral
heat sink, mounting brackets, switch covers and
connectors are included with each drive. The drive has
been matched with twelve recommended NEMA 23 and
34 motors in order to create a complete stepper motion
solution.
The PDO5580 provides the user with four modes of operation
to choose from, Self test, Pulse & Direction, Joystick
or Oscillator. The specific operation mode desired
is selected during set up via DIP switch. DIP switchs are
also provided for setting the drive’s step resolution as
well as the motor current.
Self Test Mode is used for troubleshooting. If you are
unsure about the motor or signal connections to the
drive you can use the self-test.
Pulse & Direction Mode allows the PDO5580 to receive
step pulses from an indexer such as the Applied
Motion’s Si-100 or Si-1, or from a PLC or any other external
controller.
Joystick Mode allows speed and direction to be determined
by an external analog voltage. STEP and DIR inputs
can be used for limit switches. SPEED input selects
speed range. LO SPEED and HI SPEED pots adjust the 2
speed ranges.
Oscillator Mode can control speed by onboard potentiometers
and/or by an external analog voltage. STEP input
starts and stops the motor. DIR input controls direction
of rotation. SPEED input selects the speed range.
The PDO5580 also provides a Tach Output and Enable
Input.
A Tach Out signal is provided for measuring the motor
speed. It generates 100 pulses per revolution. If connected
to a frequency counter, speed reads out in revs/
second with two decimal places.
ENABLE allows the user to turn off the current to the
motor by setting this signal to logic 0. The logic circuitry
continues to operate, the drive “remembers” the step
position even when the amplifier is disabled.
Factory set to operate at 110-volt input; the PDO5580
can be reset by the user to operate at 220-volt input by a
simple switch selection.
Pluggable screw terminal blocks are provided for the
motor, AC input and 8-position signal input/output. Mating
connectors are provided with the drive.
The PDO5580 is both CE and TUV compliant.




Similar Part No. - 34348

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
34348 AMP-34348 Datasheet
133Kb / 9P
Si5580 Programmable Step Motor Drive
More results


Similar Description - 34348

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
06-May-1997
MP6301 TOSHIBA-MP6301 Datasheet
102Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
MP4021 TOSHIBA-MP4021 Datasheet
153Kb / 5P
Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4506 TOSHIBA-MP4506 Datasheet
161Kb / 6P
Hammer Drive, Pulse Motor Drive and Inductive Load Switching
01-Jul-2004
MP6301 TOSHIBA-MP6301_07 Datasheet
134Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
2SD1224 TOSHIBA-2SD1224_06 Datasheet
155Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
2SD2481 TOSHIBA-2SD2481_06 Datasheet
149Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
logo
TRINAMIC Motion Control...
TMCM-1070 TRINAMIC-TMCM-1070 Datasheet
2Mb / 23P
Step and direction interface
logo
Applied Motion Products...
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com