Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5560 Datasheet (PDF) - Applied Motion Products, Inc.

5560 Datasheet PDF - Applied Motion Products, Inc.
Part # 5560
Download  5560 Download
File Size   73.48 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Si-100 Motor Control

5560 Datasheet (PDF)

Go To PDF Page Download Datasheet
5560 Datasheet PDF - Applied Motion Products, Inc.

Part # 5560
Download  5560 Click to download

File Size   73.48 Kbytes
Page   4 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Si-100 Motor Control

5560 Datasheet (HTML) - Applied Motion Products, Inc.


5560 Product details

Features
• Programmable for stand alone operation with
Applied Motion’s easy to use Si Programmer™
Windows software (software and programming
cable included)
• Can be operated in real time from a host PC or
PLC using Applied Motion’s Si Command Language
™ (SCL)
• Can be networked with all other Si™ products via
Applied Motion’s SiNet™ Hub
• 110 or 220 AC input, switch selectable
• 25 VDC and 5 VDC output voltages
• 8 optically isolated, 5–24 VDC, user programmable
inputs
• 3 optically isolated, 24 VDC, outputs
• High speed, differential step & direction outputs
interface easily to step and servo motor drives
• Communication via RS232
• Screw terminal connector blocks for power and I/O
RJ11 for RS232 port
• Optional operator terminal (MMI) either standard
or backlit
• Eight Applied Motion recommended pulse and
direction Stepper drives and two pulse and direction
Servo amplifiers
• CE and TUV compliant
Description
The Si-100 is a programmable motor control suitable
for a wide range of motion control applications.
It includes Applied Motion’s easy to use
Si Programmer™ Windows software for the rapid
development of stand-alone motion control programs.
The Si-100 can also be commanded in real
time from a host PC or PLC, using the Si Command
Language™ (SCL).
For multi-axis applications, up to eight Applied Motion
Si™ products (Stepper or Servo) can be networked
using the SiNet™ Hub, fulfilling the exact
requirements of your application.
The Si-100 includes 8 optically isolated programmable
inputs for triggering, branching, position
sensing and end of travel detection. 3 optically isolated
programmable outputs can send signals to
other electronic devices and activate relays. High
speed, differential step & direction outputs are provided
for easy interfacing to industry popular step
and servo motor drives.




Similar Part No. - 5560

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5560-2C ALPHAWIRE-5560-2C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
5560/2C ALPHAWIRE-5560/2C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Littelfuse
5560000000 LITTELFUSE-5560000000 Datasheet
41Kb / 1P
Vertical PC Mount, TR3 Fuses
55600000001 LITTELFUSE-55600000001 Datasheet
450Kb / 1P
281/556/557 Series Thru-Hole Circuit Board Mount Blocks for MicroTM/TR-3 Fuses
Revised: 12/09/19
logo
Molex Electronics Ltd.
55604 MOLEX-55604 Datasheet
43Kb / 2P
SlimStack™ 0.40mm Pitch Board-to-Board Connectors
12/31/2012
More results


Similar Description - 5560

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
MOTOR SPEED CONTROL
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
MOTOR CONTROL CIRCUIT
logo
BCD Semiconductor Manuf...
AM6651B BCDSEMI-AM6651B Datasheet
97Kb / 9P
MOTOR CONTROL CIRCUIT
logo
ELMOS Semiconductor AG
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
Motor Control Circuit
logo
Nell Semiconductor Co.,...
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
DC motor control
logo
Unisonic Technologies
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
MOTOR CONTROL CIRCUITS
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
AC motor control
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
MOTOR CONTROL CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com