| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFSC4D2N10MC
|
293Kb / 7P |
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 100 V, 4.3 m, 116 A
July, 2020 ??Rev. 2 |
|
NTMFSC0D9N04C
|
347Kb / 7P |
MOSFET - Power, DUAL COOL N-Channel, DFN8 5x6 40 V, 0.87 m, 310 A
February, 2020-Rev. 1 |
|
NTMFSC0D9N04CL
|
387Kb / 7P |
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6 40 V, 0.85 m, 313 A
May, 2021-Rev. 6 |
|
NTMFSC004N08MC
|
407Kb / 7P |
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 80 V, 4.0 m, 136 A
June, 2021-Rev. 3 |
|
NTMFSC1D0N04HL
|
376Kb / 7P |
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 40 V, 1.0 m, 288 A
July, 2021-Rev. 0 |
|
NTMFSC1D6N06CL
|
369Kb / 7P |
MOSFET - Power, DUAL COOL N-Channel, DFN8 5x6 60 V, 1.5 m, 235 A
December, 2021-Rev. 4 |
|
NTMFSC2D9N08H
|
374Kb / 7P |
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 80 V, 2.9 m, 154 A
June, 2021-Rev. 1 |
|
NVMFSC0D9N04C
|
386Kb / 7P |
MOSFET - Power, DUAL COOL N-Channel, DFN8 5x6 40 V, 0.87 m, 310 A
March, 2021-Rev. 4 |
|
NVMFSC0D9N04CL
|
498Kb / 8P |
MOSFET - Power, DUAL COOL N-Channel, DFN8 5x6 40 V, 0.85 m, 316 A
February, 2021 ??Rev. 4 |
|
NVMJS1D7N06C
|
258Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1 |