Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2800872 Datasheet (PDF) - PHOENIX CONTACT

2800872 Datasheet PDF - PHOENIX CONTACT
Part # 2800872
Download  2800872 Download
File Size   105.07 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 4A SFBP

2800872 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800872 Datasheet PDF - PHOENIX CONTACT

Part # 2800872
Download  2800872 Click to download

File Size   105.07 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 4A SFBP

2800872 Datasheet (HTML) - PHOENIX CONTACT


2800872 Product details

Thermomagnetic device circuit breaker, 2-pos., tripping characteristic SFB, 2 PDT contacts, plug for base element.




Similar Part No. - 2800872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800870 PHOENIX-2800870 Datasheet
188Kb / 11P
Thermomagnetic device circuit breaker - CB TM2 2A SFB P
09/12/2020
2800871 PHOENIX-2800871 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A SFBP
18.01.2013
2800873 PHOENIX-2800873 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 5A SFBP
18.01.2013
2800874 PHOENIX-2800874 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 6A SFBP
18.01.2013
2800875 PHOENIX-2800875 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 8A SFBP
18.01.2013
More results


Similar Description - 2800872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800875 PHOENIX-2800875 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 8A SFBP
18.01.2013
2800839 PHOENIX-2800839 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 4A SFBP
18.01.2013
2800868 PHOENIX-2800868 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 0.5A SFBP
18.01.2013
2800869 PHOENIX-2800869 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 1A SFBP
18.01.2013
2800871 PHOENIX-2800871 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A SFBP
18.01.2013
2800873 PHOENIX-2800873 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 5A SFBP
18.01.2013
2800874 PHOENIX-2800874 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 6A SFBP
18.01.2013
2800876 PHOENIX-2800876 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 10A SFBP
18.01.2013
2800877 PHOENIX-2800877 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 12A SFBP
18.01.2013
2800878 PHOENIX-2800878 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 16A SFBP
18.01.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com