Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2800883 Datasheet (PDF) - PHOENIX CONTACT

2800883 Datasheet PDF - PHOENIX CONTACT
Part # 2800883
Download  2800883 Download
File Size   108.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 4A M1P

2800883 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800883 Datasheet PDF - PHOENIX CONTACT

Part # 2800883
Download  2800883 Click to download

File Size   108.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 4A M1P

2800883 Datasheet (HTML) - PHOENIX CONTACT


2800883 Product details

Thermomagnetic device circuit breaker, 2-pos., tripping characteristic M1 (medium-blow), 2 PDT contacts, plug for base element.

Product description
Thermomagnetic device circuit breaker




Similar Part No. - 2800883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800880 PHOENIX-2800880 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 1A M1P
18.01.2013
2800881 PHOENIX-2800881 Datasheet
189Kb / 11P
Thermomagnetic device circuit breaker - CB TM2 2A M1 P
09/12/2020
2800882 PHOENIX-2800882 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A M1P
18.01.2013
2800884 PHOENIX-2800884 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 5A M1P
18.01.2013
2800885 PHOENIX-2800885 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 6A M1P
18.01.2013
More results


Similar Description - 2800883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800850 PHOENIX-2800850 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 4A M1P
18.01.2013
2800879 PHOENIX-2800879 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 0.5A M1P
18.01.2013
2800880 PHOENIX-2800880 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 1A M1P
18.01.2013
2800882 PHOENIX-2800882 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A M1P
18.01.2013
2800884 PHOENIX-2800884 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 5A M1P
18.01.2013
2800885 PHOENIX-2800885 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 6A M1P
18.01.2013
2800886 PHOENIX-2800886 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 8A M1P
18.01.2013
2800887 PHOENIX-2800887 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 10A M1P
18.01.2013
2800888 PHOENIX-2800888 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 12A M1P
18.01.2013
2800889 PHOENIX-2800889 Datasheet
109Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 16A M1P
18.01.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com