|
DESCRIPTION The M65665SP/FP is a PIP (Picture in Picture) signal processing LSI, whose sub-picture input is composite signal or component signals(Y/C or Y/U/V) f or NTSC, PAL-M, and PAL-N. The built-in f ield memory (168k-bit RAM) , V-chip data slicer and analog circuitries lead the high quality PIP sy stem low cost and small size. FEATURES * Internal V-chip data slicer (f or sub-picture) * Vertical f ilter f or sub-picture ( Y signal ) * Base band comb f ilter (2 Line) * Single sub-picture ( selectable picture size : 1/9 , 1/16 ) * Sub-picture processing specif ication ( 1/9 , 1/16 size) : Quantization bits Y, B-Y, R-Y : 7 bits Horizontal sampling 229 pixels (Y), 57 pixels (B-Y, R-Y) Vertical lines 69/ 52 lines * Frame ( sub-picture ) on/of f * Built-in analog circuits : Two 8-bit A/D conv erter (f or sub-picture signal) Three 8-bit D/A conv erters (f or Y, U and V of sub-picture) Sy nc-tip-clamp, VCXO,OSD switch ... etc.. * IIC BUS control ( parallel/serial control) : PIP on/of f , Frame on/of f ( programmable luma lev el), Sub-picture size ( 1/9, 1/16 ), PIP position ( f ree position ), Picture f reeze , Y delay adjustment, Chroma lev el, Tint, Black lev el,
|