Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF225R17ME7_B11 Datasheet (PDF) - Infineon Technologies AG

FF225R17ME7_B11 Datasheet PDF - Infineon Technologies AG
Part # FF225R17ME7_B11
Download  FF225R17ME7_B11 Download
File Size   697.97 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoDUAL?? module with TRENCHSTOP?줚GBT7 and emitter controlled 7 diode and NTC

FF225R17ME7_B11 Datasheet (PDF)

Go To PDF Page Download Datasheet
FF225R17ME7_B11 Datasheet PDF - Infineon Technologies AG

Part # FF225R17ME7_B11
Download  FF225R17ME7_B11 Click to download

File Size   697.97 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoDUAL?? module with TRENCHSTOP?줚GBT7 and emitter controlled 7 diode and NTC

FF225R17ME7_B11 Datasheet (HTML) - Infineon Technologies AG


FF225R17ME7_B11 Product details

Features
• Electrical features
- VCES = 1700 V
- IC nom = 225 A / ICRM = 450 A
- Integrated temperature sensor
- High current density
- Low VCE,sat
- Overload operation up to 175°C
- TRENCHSTOPTM IGBT7
- VCE,sat with positive temperature coefficient
• Mechanical features
- High power density
- Isolated base plate
- PressFIT contact technology
- Standard housing
Potential applications
• High-power converters
• Medium-voltage converters
• Motor drives
• Wind turbines
Product validation
• Qualified for industrial applications according to the relevant tests of IEC 60747, 60749 and 60068




Similar Part No. - FF225R17ME7_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF225R17ME7B11BPSA1 INFINEON-FF225R17ME7B11BPSA1 Datasheet
691Kb / 17P
EconoDUAL™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.10
More results


Similar Description - FF225R17ME7_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF300R12ME7_B11 INFINEON-FF300R12ME7_B11 Datasheet
602Kb / 15P
EconoDUAL?? module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
datasheet 1.00 2021-07-26
FF600R12ME7_B11 INFINEON-FF600R12ME7_B11 Datasheet
592Kb / 15P
EconoDUAL?? module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
Datasheet 1.00 2021-05-21
FF750R12ME7_B11 INFINEON-FF750R12ME7_B11 Datasheet
697Kb / 16P
EconoDUAL?? module with TRENCHSTOP?줚GBT7 and emitter controlled 7 diode and NTC
Revision 1.10 2021-10-11
FP10R12W1T7 INFINEON-FP10R12W1T7 Datasheet
1Mb / 19P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
datasheet 0.10 2021-03-09
FP10R12W1T7_B3 INFINEON-FP10R12W1T7_B3 Datasheet
1Mb / 16P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
Datasheet 0.10 2021-03-16
FP15R12W1T7 INFINEON-FP15R12W1T7 Datasheet
1Mb / 19P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
Datasheet 0.10 2021-03-17
FP15R12W1T7_B3 INFINEON-FP15R12W1T7_B3 Datasheet
1,014Kb / 16P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
Datasheet 0.10 2021-03-18
FP25R12W1T7 INFINEON-FP25R12W1T7 Datasheet
1,021Kb / 19P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and NTC
Datasheet 0.10 2021-03-09
FP25R12W1T7_B11 INFINEON-FP25R12W1T7_B11 Datasheet
855Kb / 21P
EasyPIM??module with TRENCHSTOP?줚GBT7 and Emitter Controlled 7 diode and PressFIT / NTC
Datasheet 0.10 2020-12-01
FF900R17ME7_B11 INFINEON-FF900R17ME7_B11 Datasheet
705Kb / 17P
EconoDUAL?? module with TRENCHSTOP?줚GBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-02-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com