Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2320568 Datasheet (PDF) - PHOENIX CONTACT

2320568 Datasheet PDF - PHOENIX CONTACT
Part # 2320568
Download  2320568 Download
File Size   562.61 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A

2320568 Datasheet (PDF)

Go To PDF Page Download Datasheet
2320568 Datasheet PDF - PHOENIX CONTACT

Part # 2320568
Download  2320568 Click to download

File Size   562.61 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A

2320568 Datasheet (HTML) - PHOENIX CONTACT


2320568 Product details

Description
QUINT DC/DC converter – superior system availability from
SFB technology
Compact DC/DC converters from the new QUINT POWER
generation maximize your system availability. With SFB
technology (Selective Fuse Breaking Technology), 6-fold
nominal current for 12 ms, it is possible to trigger even standard
circuit breakers reliably and quickly. Faulty current
paths are switched off selectively, the fault is located, and
important system parts remain in operation. Comprehensive
diagnostics are provided through constant monitoring of the
input voltage, output voltage and output current. Preventive
function monitoring visualizes critical operating states and
indicates them to the controller before errors can occur.
The application fields for DC/DC converters are numerous
– Changing the voltage level
– Refreshing the output voltage for constant voltage at
the end of long cables
– Setup of independent supply systems by electrical isolation

Features
– Wide-range voltage input
– Galvanic isolation
– Reverse polarity protection
– Preventive function monitoring
– Reliable starting of difficult loads with POWER BOOST
static power reserve
– Fast tripping of standard circuit breakers with dynamic
SFB technology power reserve
– High MTBF > 554,000 h (40°C)

Flexible use
– Dip coating enables use in oxidizing and sulfidizing
atmospheres with humidities of up to 100 %
– Adjustable output voltage
– Can be used in Class I, Division 2, Groups A, B, C, D
(Hazardous Location) ANSI-ISA 12.12




Similar Part No. - 2320568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320568 PHOENIX-2320568 Datasheet
562Kb / 21P
QUINT-PS/24DC/24DC/20/CO
More results


Similar Description - 2320568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Vicor Corporation
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
Maxi Family 24 V Input DC-DC Converter Module
logo
PHOENIX CONTACT
2766850 PHOENIX-2766850 Datasheet
174Kb / 5P
Pulse expansion module, input: 24 V DC, output: 3 - 48 V DC/100 mA, supply: 20 - 30 V DC
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
logo
PHOENIX CONTACT
106467 PHOENIX-106467 Datasheet
505Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 96-110 V DC, output: 24 V DC, output current: 10 A
2015-11-24
105538 PHOENIX-105538 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
105537 PHOENIX-105537 Datasheet
399Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 5 A
2014-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com