Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3214081 Datasheet (PDF) - PHOENIX CONTACT

3214081 Datasheet PDF - PHOENIX CONTACT
Part # 3214081
Download  3214081 Download
File Size   1522.64 Kbytes
Page   67 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential collective terminal - PTU 35/4X6/6X2,5 BU

3214081 Datasheet (PDF)

Go To PDF Page Download Datasheet
3214081 Datasheet PDF - PHOENIX CONTACT

Part # 3214081
Download  3214081 Click to download

File Size   1522.64 Kbytes
Page   67 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential collective terminal - PTU 35/4X6/6X2,5 BU

3214081 Datasheet (HTML) - PHOENIX CONTACT


3214081 Product details

Potential collective terminal, In the end application, the applicable safety regulations for overload and short-circuit protection on the connected conductors must be considered., nom. voltage:1000 V, nominal current: 105 A, connection method: Screw connection, 1st level connection left,cross section: 1.5 mm2 - 50 mm2, Push-in connection, First level connection, interior, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue

Your advantages
• The terminal block base is ideal for use in building installation and machine building applications
• The compact design and front connection enable wiring in a confined space

• In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
•The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors




Similar Part No. - 3214081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214080 PHOENIX-3214080 Datasheet
448Kb / 31P
Potential collective terminal - PTU 35/4X6/6X2,5
3214082 PHOENIX-3214082 Datasheet
1Mb / 67P
Potential collective terminal - PTU 35/4X6/6X2,5-FE
May 17, 2022
More results


Similar Description - 3214081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213142 PHOENIX-3213142 Datasheet
95Kb / 7P
Potential collective terminal - UKH 70/4X10
3213143 PHOENIX-3213143 Datasheet
133Kb / 12P
Potential collective terminal - UKH 70/4X10 BU
3214080 PHOENIX-3214080 Datasheet
448Kb / 31P
Potential collective terminal - PTU 35/4X6/6X2,5
3002369 PHOENIX-3002369 Datasheet
661Kb / 30P
Potential collective terminal - PT 2X10/9X4
May 17, 2022
3002370 PHOENIX-3002370 Datasheet
1Mb / 46P
Potential collective terminal - PTU 35/4X10 BU
Jun 2, 2022
3002371 PHOENIX-3002371 Datasheet
1Mb / 47P
Potential collective terminal - PTU 35/4X10
May 16, 2022
3214015 PHOENIX-3214015 Datasheet
685Kb / 24P
Potential collective terminal - PTU 16/14X2,5 GN
Jun 3, 2022
3214016 PHOENIX-3214016 Datasheet
684Kb / 24P
Potential collective terminal - PTU 16/14X2,5 GY
Jun 3, 2022
3214082 PHOENIX-3214082 Datasheet
1Mb / 67P
Potential collective terminal - PTU 35/4X6/6X2,5-FE
May 17, 2022
3002368 PHOENIX-3002368 Datasheet
658Kb / 29P
Potential collective terminal - PT 2X10/9X4 BU
Jun 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com