Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPR-03-S Datasheet (PDF) - Pepperl+Fuchs Inc.

UPR-03-S Datasheet PDF - Pepperl+Fuchs Inc.
Part # UPR-03-S
Download  UPR-03-S Download
File Size   5085.79 Kbytes
Page   10 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Universal Power Rail

UPR-03-S Datasheet (PDF)

Go To PDF Page Download Datasheet
UPR-03-S Datasheet PDF - Pepperl+Fuchs Inc.

Part # UPR-03-S
Download  UPR-03-S Click to download

File Size   5085.79 Kbytes
Page   10 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Universal Power Rail

UPR-03-S Datasheet (HTML) - Pepperl+Fuchs Inc.


UPR-03-S Product details

< 35 mm DIN mounting rail with 3-conductor insert
< Provides DC supply voltage to all equipped K-System modules
< Standard length 0.8 m (2.6 ft), simple to customize to application
space
< Eliminates daisy-chains




Similar Part No. - UPR-03-S

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
More results


Similar Description - UPR-03-S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
logo
List of Unclassifed Man...
SEM1630 ETC2-SEM1630 Datasheet
569Kb / 2P
UNIVERSAL DIN RAIL TRIP AMPLIFIER
logo
Linear Technology
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
logo
PHOENIX CONTACT
2853970 PHOENIX-2853970 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
logo
Pepperl+Fuchs Inc.
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-E PF-UPR-E Datasheet
609Kb / 2P
End Cap for Universal Power Rail
2021-04-08
UPR-I PF-UPR-I Datasheet
670Kb / 2P
Insulation spacer for universal power rail
2021-06-10
M-UPR-03-S PF-M-UPR-03-S Datasheet
1Mb / 3P
Universal Power Rail
2021-04-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com