Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC08MTC Datasheet (PDF) - ON Semiconductor

74VHC08MTC Datasheet PDF - ON Semiconductor
Part # 74VHC08MTC
Download  74VHC08MTC Download
File Size   270.94 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

74VHC08MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC08MTC Datasheet PDF - ON Semiconductor

Part # 74VHC08MTC
Download  74VHC08MTC Click to download

File Size   270.94 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

74VHC08MTC Datasheet (HTML) - ON Semiconductor


74VHC08MTC Product details

General Description
The VHC08 is an advanced high speed CMOS 2 Input AND Gate
fabricated with silicon gate CMOS technology. It achieves the
high−speed operation similar to equivalent Bipolar Schottky TTL
while maintaining the CMOS low power dissipation.
The internal circuit is composed of 4 stages including buffer output,
which provide high noise immunity and stable output. An input
protection circuit insures that 0 V to 7 V can be applied to the input
pins without regard to the supply voltage. This device can be used to
interface 5 V to 3 V systems and two supply systems such as battery
backup. This circuit prevents device destruction due to mismatched
supply and input voltages.

Features
• High Speed: tPD = 4.3 ns (Typ.) at TA= 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
• Power Down Protection is Provided on All Inputs
• Low Power Dissipation: ICC = 2 A (Max.) @ TA= 25°C
• Low Noise: VOLP = 0.8 V (Max.)
• Pin and Function Compatible with 74HC08




Similar Part No. - 74VHC08MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC08MTC FAIRCHILD-74VHC08MTC Datasheet
75Kb / 7P
Quad 2-Input AND Gate
74VHC08MTC FAIRCHILD-74VHC08MTC Datasheet
199Kb / 9P
Quad 2-Input AND Gate
logo
ON Semiconductor
74VHC08MTC ONSEMI-74VHC08MTC Datasheet
580Kb / 6P
Quad 2-Input AND Gate
August-2017, Rev. 2
logo
Fairchild Semiconductor
74VHC08MTCX FAIRCHILD-74VHC08MTCX Datasheet
291Kb / 9P
Quad 2-Input AND Gate
74VHC08MTCX_NL FAIRCHILD-74VHC08MTCX_NL Datasheet
75Kb / 7P
Quad 2-Input AND Gate
More results


Similar Description - 74VHC08MTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com