Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2800836 Datasheet (PDF) - PHOENIX CONTACT

2800836 Datasheet PDF - PHOENIX CONTACT
Part # 2800836
Download  2800836 Download
File Size   399.79 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 5 A

2800836 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800836 Datasheet PDF - PHOENIX CONTACT

Part # 2800836
Download  2800836 Click to download

File Size   399.79 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 5 A

2800836 Datasheet (HTML) - PHOENIX CONTACT


2800836 Product details

Description
QUINT DC/DC converter – superior system availability from
SFB technology
Compact DC/DC converters from the new QUINT POWER
generation maximize your system availability. With SFB
technology (Selective Fuse Breaking Technology), 6-fold
nominal current for 12 ms, it is possible to trigger even standard
circuit breakers reliably and quickly. Faulty current
paths are switched off selectively, the fault is located, and
important system parts remain in operation. Comprehensive
diagnostics are provided through constant monitoring of the
input voltage, output voltage and output current. Preventive
function monitoring visualizes critical operating states and
indicates them to the controller before errors can occur.
The application fields for DC/DC converters are numerous
– Changing the voltage level
– Refreshing the output voltage for constant voltage at
the end of long cables
– Setup of independent supply systems by electrical isolation

Features
– Wide-range voltage input
– Galvanic isolation
– Reverse polarity protection
– Preventive function monitoring
– Reliable starting of difficult loads with POWER BOOST
static power reserve
– Fast tripping of standard circuit breakers with dynamic
SFB technology power reserve
– High MTBF > 890,000 h (40°C)

Flexible use
– Dip coating enables use in oxidizing and sulfidizing
atmospheres with humidities of up to 100 %
– Adjustable output voltage
– Can be used in Class I, Division 2, Groups A, B, C, D
(Hazardous Location) ANSI-ISA 12.12




Similar Part No. - 2800836

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800836 PHOENIX-2800836 Datasheet
333Kb / 17P
QUINT-PS/24DC/48DC/ 5
2800836 PHOENIX-2800836 Datasheet
505Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 96-110 V DC, output: 24 V DC, output current: 10 A
2015-11-24
2800836 PHOENIX-2800836 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
2800836 PHOENIX-2800836 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
2800836 PHOENIX-2800836 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Similar Description - 2800836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4681 TI-PT4681 Datasheet
290Kb / 13P
20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
134Kb / 6P
NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Vicor Corporation
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
Maxi Family 24 V Input DC-DC Converter Module
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
logo
PHOENIX CONTACT
106467 PHOENIX-106467 Datasheet
505Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 96-110 V DC, output: 24 V DC, output current: 10 A
2015-11-24
105538 PHOENIX-105538 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
105539 PHOENIX-105539 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com