Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270249 Datasheet (PDF) - PHOENIX CONTACT

3270249 Datasheet PDF - PHOENIX CONTACT
Part # 3270249
Download  3270249 Download
File Size   937.14 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - PTRV 8-PV /BU

3270249 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270249 Datasheet PDF - PHOENIX CONTACT

Part # 3270249
Download  3270249 Click to download

File Size   937.14 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - PTRV 8-PV /BU

3270249 Datasheet (HTML) - PHOENIX CONTACT


3270249 Product details

Potential distributors, nom. voltage: 250 V, nominal current: 17.5 A, connection method: Push-in
connection, 1st, 2nd, 3rd, 4th, 5th, 6th, 7th and 8th level, Rated cross section: 1.5 mm2, cross
section: 0.14 mm2 - 2.5 mm2, mounting: NS 35/7,5, NS 35/15, color: gray, color of connection
elements: blue

Your advantages
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Potential distributor for distributing potentials up to 17.5 A
• Tool-free wiring in a confined space thanks to compact size
• The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry




Similar Part No. - 3270249

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270246 PHOENIX-3270246 Datasheet
835Kb / 34P
Potential distributors - PTRV 4-PV /RD
May 17, 2022
3270247 PHOENIX-3270247 Datasheet
835Kb / 34P
Potential distributors - PTRV 4-PV /BU
Jun 3, 2022
3270248 PHOENIX-3270248 Datasheet
936Kb / 38P
Potential distributors - PTRV 8-PV /RD
Jun 3, 2022
More results


Similar Description - 3270249

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270142 PHOENIX-3270142 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV /BK
May 16, 2022
3270145 PHOENIX-3270145 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV BU/BK
May 17, 2022
3270223 PHOENIX-3270223 Datasheet
920Kb / 36P
Potential distributors - PTRVB 4-PV /BU
May 16, 2022
3270125 PHOENIX-3270125 Datasheet
832Kb / 33P
Potential distributors - PTRV 4-PV /BK
May 16, 2022
3270126 PHOENIX-3270126 Datasheet
833Kb / 33P
Potential distributors - PTRV 4-PV BU/BK
May 16, 2022
3270227 PHOENIX-3270227 Datasheet
1,011Kb / 38P
Potential distributors - PTRVB 8-PV /BU
May 17, 2022
3270246 PHOENIX-3270246 Datasheet
835Kb / 34P
Potential distributors - PTRV 4-PV /RD
May 17, 2022
3270247 PHOENIX-3270247 Datasheet
835Kb / 34P
Potential distributors - PTRV 4-PV /BU
Jun 3, 2022
3270248 PHOENIX-3270248 Datasheet
936Kb / 38P
Potential distributors - PTRV 8-PV /RD
Jun 3, 2022
3270196 PHOENIX-3270196 Datasheet
917Kb / 37P
Potential distributors - FTRV 8-PV BU/BK
Jun 15, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com