Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VZ02 Datasheet (PDF) - Schneider Electric

VZ02 Datasheet PDF - Schneider Electric
Part # VZ02
Download  VZ02 Download
File Size   118.29 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys VARIO - additional pole - 12 A - for V02

VZ02 Datasheet (PDF)

Go To PDF Page Download Datasheet
VZ02 Datasheet PDF - Schneider Electric

Part # VZ02
Download  VZ02 Click to download

File Size   118.29 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys VARIO - additional pole - 12 A - for V02

VZ02 Datasheet (HTML) - Schneider Electric


VZ02 Product details

Main
Range TeSys
Device short name VZ
Product or Component Type Additional pole
Performance level High performance
Poles description 1P
Contacts type and composition 1 NO
Product Compatibility V02
Range compatibility TeSys VARIO switch disconnector




Similar Part No. - VZ02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VZ0 SCHNEIDER-VZ0 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 25 A - for V0
Jun 22, 2022
VZ01 SCHNEIDER-VZ01 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 20 A - for V01
Jun 22, 2022
logo
WALSIN TECHNOLOGY CORPO...
VZ0402A050AGBN WALSIN-VZ0402A050AGBN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ0402A050AGTN WALSIN-VZ0402A050AGTN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ0402A070AGBN WALSIN-VZ0402A070AGBN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
More results


Similar Description - VZ02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VZ0 SCHNEIDER-VZ0 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 25 A - for V0
Jun 22, 2022
VZ01 SCHNEIDER-VZ01 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 20 A - for V01
Jun 22, 2022
VZ1 SCHNEIDER-VZ1 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 32 A - for V1
Jun 22, 2022
VZ11 SCHNEIDER-VZ11 Datasheet
128Kb / 3P
TeSys VARIO - additional neutral block - 40 A - for V02...V2
Jun 22, 2022
VZ13 SCHNEIDER-VZ13 Datasheet
111Kb / 3P
TeSys VARIO - additional neutral block - 175 A - for V5 / V6
Jun 22, 2022
VZ14 SCHNEIDER-VZ14 Datasheet
142Kb / 3P
TeSys VARIO - additional earthing block - 40 A - for V02...V2
Jun 22, 2022
VZ2 SCHNEIDER-VZ2 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 40 A - for V2
Jun 22, 2022
VZ3 SCHNEIDER-VZ3 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 63 A - for V3
Jun 22, 2022
VZ4 SCHNEIDER-VZ4 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 80 A - for V4
Jun 22, 2022
VZN20 SCHNEIDER-VZN20 Datasheet
124Kb / 3P
TeSys Mini-VARIO - additional pole - 20 A - for VN-20
Jun 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com