Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1010 Datasheet (PDF) - Qorvo, Inc

QPD1010 Datasheet PDF - Qorvo, Inc
Part # QPD1010
Download  QPD1010 Download
File Size   2109.35 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 10W, 50V, DC ??4 GHz, GaN RF Transistor

QPD1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1010 Datasheet PDF - Qorvo, Inc

Part # QPD1010
Download  QPD1010 Click to download

File Size   2109.35 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 10W, 50V, DC ??4 GHz, GaN RF Transistor

QPD1010 Datasheet (HTML) - Qorvo, Inc


QPD1010 Product details

Product Features
Frequency: DC to 4 GHz
Output Power (P3dB): 11 W1
Linear Gain: 24.7 dB1
Typical DEFF3dB: 71%1
Operating Voltage: 50 V
Low thermal resistance package
CW and Pulse capable
3 x 3 mm package
Note 1: @ 2 GHz (Loadpull)




Similar Part No. - QPD1010

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
TriQuint Semiconductor
QPD1011EVB01 TRIQUINT-QPD1011EVB01 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1011EVB1 QORVO-QPD1011EVB1 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
TriQuint Semiconductor
QPD1011S2 TRIQUINT-QPD1011S2 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
More results


Similar Description - QPD1010

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
10W, 32V, DC 6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
10W, 28V DC 6 GHz, GaN RF Power Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
T2G6000528-Q3 QORVO-T2G6000528-Q3 Datasheet
985Kb / 13P
10W, 28V DC ??6 GHz, GaN RF Power Transistor
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com