Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7401 Datasheet (PDF) - Analog Devices

AD7401 Datasheet PDF - Analog Devices
Part # AD7401_V01
Download  AD7401 Download
File Size   422.33 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Sigma-Delta Modulator

AD7401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7401 Datasheet PDF - Analog Devices

Part # AD7401_V01
Download  AD7401 Click to download

File Size   422.33 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Sigma-Delta Modulator

AD7401 Datasheet (HTML) - Analog Devices


AD7401 Product details

GENERAL DESCRIPTION
The AD74011 is a second-order, sigma-delta (Σ-Δ) modulator
that converts an analog input signal into a high speed, 1-bit data stream with on-chip digital isolation based on Analog Devices, Inc., iCoupler® technology. The AD7401 operates from a 5 V power supply and accepts a differential input signal of ±200 mV
(±320 mV full-scale). The analog input is continuously sampled
by the analog modulator, eliminating the need for external sample-
and-hold circuitry. The input information is contained in the
output stream as a density of ones with a data rate up to 20 MHz. The original information can be reconstructed with an appropriate
digital filter. The serial input/output can use a 5 V or a 3 V
supply (VDD2).
The serial interface is digitally isolated. High speed CMOS,
combined with monolithic air core transformer technology, means the on-chip isolation provides outstanding performance
characteristics, superior to alternatives such as optocoupler devices. The device contains an on-chip reference. The AD7401 is offered
in a 16-lead SOIC and has an operating temperature range of −40°C to +105°C.
An internal clock version, AD7400, is also available.

FEATURES 20 MHz maximum external clock rate Second-order modulator
16 bits no missing codes
±2 LSB INL typical at 16 bits 3.5 μV/°C maximum offset drift
On-board digital isolator On-board reference Low power operation: 20 mA maximum at 5.25 V
−40°C to +105°C operating range
16-lead SOIC package
Safety and regulatory approvals UL recognition 5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE Certificate of Conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 891 V peak

APPLICATIONS
AC motor controls
Data acquisition systems A/D + opto-isolator replacements




Similar Part No. - AD7401_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7401A AD-AD7401A Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
AD7401AYRWZ AD-AD7401AYRWZ Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7401AYRWZ AD-AD7401AYRWZ Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401AYRWZ-RL AD-AD7401AYRWZ-RL Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
More results


Similar Description - AD7401_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
Isolated Sigma-Delta Modulator
Rev. E
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com