Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2426KCPZ Datasheet (PDF) - Analog Devices

AD2426KCPZ Datasheet PDF - Analog Devices
Part # AD2426KCPZ
Download  AD2426KCPZ Download
File Size   1960.83 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Audio Bus (A2B) Transceiver

AD2426KCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2426KCPZ Datasheet PDF - Analog Devices

Part # AD2426KCPZ
Download  AD2426KCPZ Click to download

File Size   1960.83 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Audio Bus (A2B) Transceiver

AD2426KCPZ Datasheet (HTML) - Analog Devices


AD2426KCPZ Product details

A2B BUS FEATURES
Line topology
Single main node, multiple subordinate nodes
Up to 15 m between nodes and up to 40 m overall cable
length (see Table 9)
Communication over distance
Synchronous data
Multichannel I2S/TDM to I2S/TDM
Synchronous clock, phase aligned in all nodes
Low latency node to node communication
Control and status information I2C to I2C
GPIO and interrupt
Bus power or local power subordinate nodes
Configurable with SigmaStudio/SigmaStudio+ graphical
software tool
AEC-Q100 qualified for automotive applications

A2B TRANSCEIVER FEATURES
Configurable A2B bus main node or subordinate node
Programmable via I2C interface
8-bit to 32-bit multichannel I2S/TDM interface
Programmable I2S/TDM data rate
Up to 32 upstream and 32 downstream channels
PDM interface
Programmable PDM clock rate
Up to 4 high dynamic range microphone inputs
Simultaneous reception of I2S data with up to 4 PDM
microphones
Unique ID register for each transceiver
Crossover or straight-through cabling
Programmable settings to optimize EMC performance
APPLICATIONS
Audio communication link
Microphone arrays
Beamforming
Hands free and in car communication
Active and road noise cancellation
Audio/video conferencing systems




Similar Part No. - AD2426KCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2426KCPZ AD-AD2426KCPZ Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
AD2426KCPZ AD-AD2426KCPZ Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2426KCPZ AD-AD2426KCPZ Datasheet
2Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. F
More results


Similar Description - AD2426KCPZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
Automotive Audio Bus Transceiver
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
logo
TDK Electronics
MPZ2012-J TDK-MPZ2012-J Datasheet
171Kb / 4P
Chip beads For A2B
logo
Analog Devices
AD2420 AD-AD2420_V01 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com