Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKJS409 Datasheet (PDF) - Vishay Siliconix

VS-VSKJS409 Datasheet PDF - Vishay Siliconix
Part # VS-VSKJS409
Download  VS-VSKJS409 Download
File Size   175.3 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A

VS-VSKJS409 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKJS409 Datasheet PDF - Vishay Siliconix

Part # VS-VSKJS409
Download  VS-VSKJS409 Click to download

File Size   175.3 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A

VS-VSKJS409 Datasheet (HTML) - Vishay Siliconix


VS-VSKJS409 Product details

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink

ELECTRICAL DESCRIPTION / APPLICATIONS
The VS-VSKJS409/150 Schottky rectifier common anode
has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling diodes, welding, and reverse battery
protection.




Similar Part No. - VS-VSKJS409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKJS409 VISHAY-VS-VSKJS409 Datasheet
136Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
21-Mar-14
More results


Similar Description - VS-VSKJS409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKCS220 VISHAY-VS-VSKCS220_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKCS400 VISHAY-VS-VSKCS400_V01 Datasheet
183Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
VS-VSKCS401 VISHAY-VS-VSKCS401_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
VS-VSKCS403 VISHAY-VS-VSKCS403_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
VS-VSKCS408 VISHAY-VS-VSKCS408_V01 Datasheet
183Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
VS-VSKCS409 VISHAY-VS-VSKCS409_V01 Datasheet
181Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
VS-VSKDS408 VISHAY-VS-VSKDS408_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
Revision: 03-May-17
VS-VSKDS440 VISHAY-VS-VSKDS440_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKJS403 VISHAY-VS-VSKJS403 Datasheet
179Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 400 A
03-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com