Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744766902 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744766902 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744766902
Download  744766902 Download
File Size   862.01 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-GFH High Frequency SMD Inductor

744766902 Datasheet (PDF)

Go To PDF Page Download Datasheet
744766902 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744766902
Download  744766902 Click to download

File Size   862.01 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-GFH High Frequency SMD Inductor

744766902 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744766902 Product details

E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +60°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently




Similar Part No. - 744766902

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744766901 WURTH-744766901 Datasheet
861Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669012 WURTH-7447669012 Datasheet
862Kb / 5P
WE-GFH High Frequency SMD Inductor
744766903 WURTH-744766903 Datasheet
862Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669039 WURTH-7447669039 Datasheet
862Kb / 5P
WE-GFH High Frequency SMD Inductor
744766904 WURTH-744766904 Datasheet
861Kb / 5P
WE-GFH High Frequency SMD Inductor
More results


Similar Description - 744766902

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447629330 WURTH-7447629330 Datasheet
413Kb / 5P
WE-GFH High Frequency SMD Inductor
7447629150 WURTH-7447629150 Datasheet
414Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669012 WURTH-7447669012 Datasheet
862Kb / 5P
WE-GFH High Frequency SMD Inductor
744766904 WURTH-744766904 Datasheet
861Kb / 5P
WE-GFH High Frequency SMD Inductor
744766906 WURTH-744766906 Datasheet
876Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669147 WURTH-7447669147 Datasheet
879Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669156 WURTH-7447669156 Datasheet
902Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669168 WURTH-7447669168 Datasheet
897Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669182 WURTH-7447669182 Datasheet
899Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669218 WURTH-7447669218 Datasheet
896Kb / 5P
WE-GFH High Frequency SMD Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com