Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA9908 Datasheet (PDF) - Qorvo, Inc

QPA9908 Datasheet PDF - Qorvo, Inc
Part # QPA9908
Download  QPA9908 Download
File Size   1838.86 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 850-960MHz 4 W High-Efficiency Amplifier

QPA9908 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA9908 Datasheet PDF - Qorvo, Inc

Part # QPA9908
Download  QPA9908 Click to download

File Size   1838.86 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 850-960MHz 4 W High-Efficiency Amplifier

QPA9908 Datasheet (HTML) - Qorvo, Inc


QPA9908 Product details

Key Features
850 – 960 MHz
Up to 40MHz IBW capability
32.6 dB Gain typical
36% PAE at +28 dBm power output
<-48 dBc ACPR DPD linearized at +28 dBm Pout
1.8V logic compatible PA ON/OFF control
On chip ESD protection




Similar Part No. - QPA9908

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9908 QORVO-QPA9908 Datasheet
1Mb / 14P
850-960MHz 4 W High-Efficiency Amplifier
QPA9908EVB-01 QORVO-QPA9908EVB-01 Datasheet
1Mb / 14P
850-960MHz 4 W High-Efficiency Amplifier
QPA9908TR13 QORVO-QPA9908TR13 Datasheet
1Mb / 14P
850-960MHz 4 W High-Efficiency Amplifier
More results


Similar Description - QPA9908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
Wireless bipolar power transistor, 35W 850-960MHz
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
3300 - 3800 MHz 4 W High-Efficiency Amplifier
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
QPA9908 QORVO-QPA9908 Datasheet
1Mb / 14P
850-960MHz 4 W High-Efficiency Amplifier
QPA9907 QORVO-QPA9907 Datasheet
1Mb / 14P
2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
1805-1880MHz 4 W High-Efficiency Amplifier
QPA9901 QORVO-QPA9901 Datasheet
1Mb / 14P
2110-2200MHz 4 W High-Efficiency Amplifier
QPA9907 QORVO-QPA9907_V01 Datasheet
1Mb / 14P
2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
Nov. 9th, 2021
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com