Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA9940 Datasheet (PDF) - Qorvo, Inc

QPA9940 Datasheet PDF - Qorvo, Inc
Part # QPA9940
Download  QPA9940 Download
File Size   1675.36 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2300-2400MHz 4 W High-Efficiency Amplifier

QPA9940 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA9940 Datasheet PDF - Qorvo, Inc

Part # QPA9940
Download  QPA9940 Click to download

File Size   1675.36 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2300-2400MHz 4 W High-Efficiency Amplifier

QPA9940 Datasheet (HTML) - Qorvo, Inc


QPA9940 Product details

Key Features
2300 – 2400 MHz
34.5 dB Gain
Over 36 dBm P3dB
31% PAE at +28 dBm power output
-50 dBc ACPR DPD Linearized at +28 dBm Power
Output with 5-carrier signal
1.8V Logic Compatible PA ON/OFF Control
On Chip ESD Protection
5 x 5 mm Package




Similar Part No. - QPA9940

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
QPA9940EVB-01 QORVO-QPA9940EVB-01 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
QPA9940TR13 QORVO-QPA9940TR13 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
More results


Similar Description - QPA9940

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
2300-2400MHz 4 W High-Efficiency Amplifier
QPA9908 QORVO-QPA9908 Datasheet
1Mb / 14P
850-960MHz 4 W High-Efficiency Amplifier
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
1805-1880MHz 4 W High-Efficiency Amplifier
logo
Molex Electronics Ltd.
735912050 MOLEX-735912050 Datasheet
315Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CW
2022/03/01
735912051 MOLEX-735912051 Datasheet
315Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CCW
2022/03/01
735912057 MOLEX-735912057 Datasheet
302Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CW
2022/03/01
735912058 MOLEX-735912058 Datasheet
302Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CCW
2022/03/01
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com