Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT1664 Datasheet (PDF) - Neotec Semiconductor Ltd.

NT1664 Datasheet PDF - Neotec Semiconductor Ltd.
Part # NT1664
Download  NT1664 Download
File Size   405.36 Kbytes
Page   10 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Lithium-lon/Polymer/Iron Protector

NT1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT1664 Datasheet PDF - Neotec Semiconductor Ltd.

Part # NT1664
Download  NT1664 Click to download

File Size   405.36 Kbytes
Page   10 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description Lithium-lon/Polymer/Iron Protector

NT1664 Datasheet (HTML) - Neotec Semiconductor Ltd.


NT1664 Product details

Description
The NT1660/NT1662/NT1663/NT1664
series are the 4~20-cell secondary protection IC
for lithium-ion /lithium-polymer /lithium-iron
phosphate rechargeable battery pack. The high
accuracy voltage detector and delay time circuits
are built in NT1660/NT1662/NT1663/NT1664
series with state-of-the-art design and process.

Features
 High accuracy voltage detection circuit
 Overcharge detection : 25mV
 Low power consumption
 Supply current: 6.6uA max. (Ta=+25℃)
 Delay times of overcharge is generated by an internal
circuit (fixed).
 Built-in breaking wire detector function
 Package: 8 pin SOP、20 pin TSSOP、48 pin LQFP
 Lead-free, Sn 100%, Halogen-free

Applications
 Lithium-ion rechargeable battery pack
 Lithium-polymer rechargeable battery pack
 Lithium-iron phosphate rechargeable battery pack




Similar Part No. - NT1664

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT1612AA NDK-NT1612AA Datasheet
649Kb / 1P
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
NT1612AA NDK-NT1612AA Datasheet
667Kb / 1P
Temperature Compensated Crystal Oscillator with AFC function
NT1612AA NDK-NT1612AA Datasheet
667Kb / 1P
Temperature Compensated Crystal Oscillator
NT1612AA NDK-NT1612AA_18 Datasheet
667Kb / 1P
Temperature Compensated Crystal Oscillator
NT1612AA_18 NDK-NT1612AA_18_03 Datasheet
667Kb / 1P
Temperature Compensated Crystal Oscillator with AFC function
More results


Similar Description - NT1664

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
Li-lon BATTERY PROTECTOR
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
Li-lon BATTERY PROTECTOR?
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
LI LON BATTERY PROTECTOR
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
Neotec Semiconductor Lt...
NT1672 NEOTEC-NT1672 Datasheet
843Kb / 16P
Lithium-lon/Polymer/Iron Protector
V1.06
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
3-Cell Lithium-lon/Polymer Protector
V1.00
NT1770A NEOTEC-NT1770A Datasheet
370Kb / 7P
2/3/4/5-Cell Lithium-lon/Polymer Protector
V1.04
NT1775 NEOTEC-NT1775 Datasheet
325Kb / 4P
3/4-Cell Lithium-lon/Polymer Protector
V5.17
NT1777A NEOTEC-NT1777A Datasheet
362Kb / 5P
2/3/4/5-Cell Lithium-lon/Polymer Protector
V2.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com