Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT7963 Datasheet (PDF) - Neotec Semiconductor Ltd.

NT7963 Datasheet PDF - Neotec Semiconductor Ltd.
Part # NT7963
Download  NT7963 Download
File Size   644.98 Kbytes
Page   36 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description LCD Controller

NT7963 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7963 Datasheet PDF - Neotec Semiconductor Ltd.

Part # NT7963
Download  NT7963 Click to download

File Size   644.98 Kbytes
Page   36 Pages
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.
Description LCD Controller

NT7963 Datasheet (HTML) - Neotec Semiconductor Ltd.


NT7963 Product details

INTRODUCTION
The NT7963 is an LCD controller designed to be used with LCD control driver LSIs and data
display memories. The device has an 8-bit parallel data bus and control lines for reading or
writing through a MPU interface.
It has a 128 words character generator ROM which can control an external display RAM of up
to 64 Kbytes. Allocation of text, graphic and external character generator RAM can be made
easily and the display window can be moved freely within the allocated memory range.
The device supports a very board range of LCD formats be allowing selection of different
combinations via set of programmable inputs. It can be used in text, graphic and combination
text-and-graphic modes, and includes various attribute functions.

FEATURES
•Display format (pin-selectable)
Columns: 32, 40, 64, 80
Lines: 2, 4, 6, 8, 10, 12, 14, 16
The combination of number of columns and number of lines must not cause the frequency to
exceed 10 MHz.
•Character font (pin-selectable)
Horizontal dots: 5, 6, 7, 8
Vertical dots: 8 (fixed)
It is necessary to set a character font in Graphic mode just as in Text mode. The oscillation
frequency does not change with the font selection.
•Display duty: 1 / 16 to 1 / 128
•A 128−word character generator ROM is built in as standard.
•External display memory: 64 KB max
The addresses in display memory of the text area, graphic area and external character
generator area are determined by software.
•Read or Write operations from the CPU do not disturb the display.
•A crystal oscillator circuit is built in. The oscillation frequency is adjusted according to the
display size. If using an external clock, use the XI pin as the clock input. (XO open.)
External capacitors Crystal oscillation: 20 to 30 pF
Ceramic oscillation: 30 to 100 pF
Built in feedback resistor: 1MΩ (typ.)
•NT7086 can be connected to the device.
•External display RAM must be static RAM. The NT7963 cannot refresh D-RAM.
•The attribute functions can only be used in Text mode. They cannot be used in Graphic or
Combination Character mode.




Similar Part No. - NT7963

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
NT7050BB NDK-NT7050BB Datasheet
719Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
NT7050BB NDK-NT7050BB_18 Datasheet
719Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
NT7050BC NDK-NT7050BC Datasheet
580Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) With Enable / Disable (Stand-by) function
NT7050BC NDK-NT7050BC Datasheet
724Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
More results


Similar Description - NT7963

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
LCD Controller
logo
Generalplus Technology ...
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
LCD Controller
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
LCD Controller
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
LCD Controller
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com