Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA94 Datasheet (PDF) - Avic Technology

MMBTA94 Datasheet PDF - Avic Technology
Part # MMBTA94
Download  MMBTA94 Download
File Size   51.44 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23-3L Plastic-Encapsulate Transistors

MMBTA94 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA94 Datasheet PDF - Avic Technology

Part # MMBTA94
Download  MMBTA94 Click to download

File Size   51.44 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23-3L Plastic-Encapsulate Transistors

MMBTA94 Datasheet (HTML) - Avic Technology


MMBTA94 Product details

SOT-23-3L Plastic-Encapsulate Transistors(PNP)

FEATURES
Power dissipation
     PCM  : 0.35 W  (Tamb=25℃)
Collector current
     ICM :-0.2 A
Collector-base voltage
     V(BR)CBO: -400 V
Operating and storage junction temperature range 
     TJ,Tstg: -55℃to +150℃




Similar Part No. - MMBTA94

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
MMBTA94 UTC-MMBTA94 Datasheet
48Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA94 SEMTECH_ELEC-MMBTA94 Datasheet
130Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
MMBTA94 SECOS-MMBTA94 Datasheet
283Kb / 2P
Epitaxial Transistor
More results


Similar Description - MMBTA94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBTA44 ETC-MMBTA44 Datasheet
34Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Avic Technology
MMBTA44 AVICTEK-MMBTA44 Datasheet
50Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
1N5817W HDSEMI-1N5817W Datasheet
1Mb / 3P
SOT-23-3L Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SC3138 JIANGSU-2SC3138 Datasheet
740Kb / 4P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
SI2309A UMW-SI2309A Datasheet
1Mb / 6P
SOT-23-3L Plastic-Encapsulate MOSFETS
AO3423A UMW-AO3423A Datasheet
394Kb / 3P
SOT-23-3L Plastic-Encapsulate MOSFETS
More results




About Avic Technology


AVIC Technology Corporation is a subsidiary of Aviation Industry Corporation of China (AVIC), which is a state-owned aerospace and defense company. AVIC Technology is primarily focused on providing solutions in the areas of avionics, airborne equipment, and related systems.

AVIC Technology offers a wide range of products and services, including airborne equipment and systems, avionics systems, satellite navigation, and communication systems. The company also provides services such as system integration, engineering design, and technical support.

AVIC Technology's products and services are used in a variety of applications, including civil aviation, military aviation, and space exploration. The company has partnerships with many leading aerospace and defense companies around the world, and it has a strong presence in both domestic and international markets.

Overall, AVIC Technology is a major player in the global aerospace and defense industry, with a focus on innovation and technology development to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com