Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC132AG Datasheet (PDF) - ON Semiconductor

HC132AG Datasheet PDF - ON Semiconductor
Part # HC132AG
Download  HC132AG Download
File Size   250.95 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS

HC132AG Datasheet (PDF)

Go To PDF Page Download Datasheet
HC132AG Datasheet PDF - ON Semiconductor

Part # HC132AG
Download  HC132AG Click to download

File Size   250.95 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS

HC132AG Datasheet (HTML) - ON Semiconductor


HC132AG Product details

The MC74HC132A is identical in pinout to the LS132. The device
inputs are compatible with standard CMOS outputs; with pull−up
resistors, they are compatible with LSTTL outputs.
The HC132A can be used to enhance noise immunity or to square up
slowly changing waveforms.

Features
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements as Defined by JEDEC
Standard No. 7A
• Chip Complexity: 72 FETs or 18 Equivalent Gates
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - HC132AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC132 TI-HC132 Datasheet
513Kb / 15P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
logo
List of Unclassifed Man...
HC13200 ETC1-HC13200 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13201 ETC1-HC13201 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13203 ETC1-HC13203 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13207 ETC1-HC13207 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results


Similar Description - HC132AG

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC132A INTEGRAL-IN74HC132A Datasheet
125Kb / 4P
QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS High-Performance Silicon-Gate CMOS
IN74AC132 INTEGRAL-IN74AC132 Datasheet
108Kb / 4P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
logo
KODENSHI_AUK CORP.
KK74AC132 KODENSHI-KK74AC132 Datasheet
242Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74HC132A KODENSHI-KK74HC132A Datasheet
203Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC132A IKSEMICON-IN74HC132A Datasheet
189Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
IN74HCT132A IKSEMICON-IN74HCT132A Datasheet
188Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com