Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98ARB18753C Datasheet (PDF) - ON Semiconductor

98ARB18753C Datasheet PDF - ON Semiconductor
Part # 98ARB18753C
Download  98ARB18753C Download
File Size   291.36 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input OR Gate

98ARB18753C Datasheet (PDF)

Go To PDF Page Download Datasheet
98ARB18753C Datasheet PDF - ON Semiconductor

Part # 98ARB18753C
Download  98ARB18753C Click to download

File Size   291.36 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input OR Gate

98ARB18753C Datasheet (HTML) - ON Semiconductor


98ARB18753C Product details

The MC74HC1G32 is a high speed CMOS 2−input OR gate
fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74HC1G32 output drive current is 1/2 compared to MC74HC series.

Features
• High Speed: tPD = 7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 1 A (Max) at TA = 25°C
• High Noise Immunity
• Balanced Propagation Delays (tpLH = tpHL)
• Symmetrical Output Impedance (IOH = IOL = 2 mA)
• Chip Complexity: < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input NAND Gate
April, 2022 ??Rev. 16
98ARB18753C ONSEMI-98ARB18753C Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
98ARB18753C ONSEMI-98ARB18753C Datasheet
289Kb / 9P
Single Inverter
May, 2022 ??Rev. 14
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input AND Gate
April, 2022 ??Rev. 19
98ARB18753C ONSEMI-98ARB18753C Datasheet
248Kb / 10P
Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results


Similar Description - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
Single 2-Input OR Gate
September, 2001 ??Rev. 7
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
Single 2-Input OR Gate
November, 2015 ??Rev. 0
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
Single 2-Input OR Gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
Single 2-input OR gate
Rev. 6 - 18 January 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com