Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3470 Datasheet (PDF) - Linear Integrated Systems

LT3470 Datasheet PDF - Linear Integrated Systems
Part # LT3470
Download  LT3470 Download
File Size   199.49 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower Buck Regulator with Integrated Boost and Catch Diodes

LT3470 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3470 Datasheet PDF - Linear Integrated Systems

Part # LT3470
Download  LT3470 Click to download

File Size   199.49 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower Buck Regulator with Integrated Boost and Catch Diodes

LT3470 Datasheet (HTML) - Linear Integrated Systems


LT3470 Product details

DESCRIPTION
The LT®3470 is a micropower step-down DC/DC converter that integrates a 300mA power switch, catch diode and boost diode into low profile 3mm × 2mm DD and ThinSOT™ packages. The LT3470 combines Burst Mode and continuous operation to allow the use of tiny inductor and capacitors while providing a low ripple output to loads of up to 200mA.

FEATURES
■ Low Quiescent Current: 26µA at 12VIN to 3.3VOUT
■ Integrated Boost and Catch Diodes
■ Input Range: 4V to 40V
■ Low Output Ripple: <10mV
■ <1µA in Shutdown Mode
■ Output Voltage: 1.25V to 16V
■ 200mA Output Current
■ Hysteretic Mode Control
    – Low Ripple Burst Mode® Operation at Light Loads
    – Continuous Operation at Higher Loads
■ Solution Size as Small as 50mm2
■ Low Profile (0.75mm) 3mm × 2mm Thermally Enhanced 8-Lead DD and 1mm ThinSOT Packages

APPLICATIONS
■ Automotive Battery Regulation
■ Power for Portable Products
■ Distributed Supply Regulation
■ Industrial Supplies
■ Wall Transformer Regulation




Similar Part No. - LT3470

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470 LINER-LT3470 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470 Datasheet
290Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results


Similar Description - LT3470

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com