Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3133 Datasheet (PDF) - RF Monolithics, Inc

RF3133 Datasheet PDF - RF Monolithics, Inc
Part # RF3133
Download  RF3133 Download
File Size   191.39 Kbytes
Page   16 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE

RF3133 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3133 Datasheet PDF - RF Monolithics, Inc

Part # RF3133
Download  RF3133 Click to download

File Size   191.39 Kbytes
Page   16 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE

RF3133 Datasheet (HTML) - RF Monolithics, Inc


RF3133 Product details

Product Description
The RF3133 is a high-power, high-efficiency power amplifier module with integrated power control. The device is self-contained with 50Ω input and output terminals. The power control function is also incorporated, eliminating the need for directional couplers, detector diodes, power control ASICs and other power control circuitry; this allows the module to be driven directly from the DAC output. The device is designed for use as the final RF amplifier in GSM850, EGSM900, DCS and PCS handheld digital cellular equipment and other applications in the 824MHz to 849MHz, 880MHz to 915MHz, 1710MHz to 1785MHz, and 1850MHz to 1910MHz bands. On-board power control provides over 37dB of control range with an analog voltage input; and, power down with a logic “low” for standby operation.

Features
• Complete Power Control Solution
• Single 2.9V to 5.5V Supply Voltage
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 55% GSM and 52% DCS/PCS ηEFF

Typical Applications
• 3V Quad-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM850, EGSM900, DCS/PCS Products
• GPRS Class 12 Compatible




Similar Part No. - RF3133

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3133 RFMD-RF3133 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3133PCBA-41X RFMD-RF3133PCBA-41X Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results


Similar Description - RF3133

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com