Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP02WXE Datasheet (PDF) - Quelighting Corp

QLSP02WXE Datasheet PDF - Quelighting Corp
Part # QLSP02WXE
Download  QLSP02WXE Download
File Size   1118.13 Kbytes
Page   18 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.

QLSP02WXE Datasheet (PDF)

Go To PDF Page Download Datasheet
QLSP02WXE Datasheet PDF - Quelighting Corp

Part # QLSP02WXE
Download  QLSP02WXE Click to download

File Size   1118.13 Kbytes
Page   18 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.

QLSP02WXE Datasheet (HTML) - Quelighting Corp


QLSP02WXE Product details

Features:
• High brightness output @ 150mA, max current is 200mA
• Package Dimension = 5.6mmX3.0mmX0.8mm
• CRI = 80 and above
• Available in warm/neutral/pure and cold white
• RoHS compliant
• Custom Bin available upon special request
Application:
• Architecture Lighting
• Garden Lighting
• Interior Lighting




Similar Part No. - QLSP02WXE

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
QLSP01WXL-190 QUELIGHTING-QLSP01WXL-190 Datasheet
997Kb / 14P
3014 High Efficiency LED
1.1 09-23-2019
QLSP03WC1H QUELIGHTING-QLSP03WC1H Datasheet
870Kb / 15P
The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
1.1 09-24-2019
QLSP03WC2H QUELIGHTING-QLSP03WC2H Datasheet
870Kb / 15P
The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
1.1 09-24-2019
QLSP03WNH QUELIGHTING-QLSP03WNH Datasheet
870Kb / 15P
The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
1.1 09-24-2019
More results


Similar Description - QLSP02WXE

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
Emitted Color Pure White Warm White
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
5630 Package Power Warm White Surface Mount Device
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
Available in Warm White color
logo
Quelighting Corp
QLIR05BYAM-258 QUELIGHTING-QLIR05BYAM-258 Datasheet
800Kb / 10P
This is PLCC-4 series with high output reflector type 3528 LEDs are available in Infrared Emitter. With special binning technology, Quelighting is able to provide special binning for customer?셲 needs
1.0 08-05-2020
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
QLSP03WXH QUELIGHTING-QLSP03WXH Datasheet
870Kb / 15P
The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
1.1 09-24-2019
QLSP04WXL QUELIGHTING-QLSP04WXL Datasheet
1Mb / 18P
This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.0 09-25-2020
QLSP05WXK-255 QUELIGHTING-QLSP05WXK-255 Datasheet
1Mb / 14P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLSP19WXH-251 QUELIGHTING-QLSP19WXH-251 Datasheet
1Mb / 15P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
QLSP19WXK-255 QUELIGHTING-QLSP19WXK-255 Datasheet
1Mb / 14P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.1 08-25-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com