Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP18XXAU-310 Datasheet (PDF) - Quelighting Corp

QLSP18XXAU-310 Datasheet PDF - Quelighting Corp
Part # QLSP18XXAU-310
Download  QLSP18XXAU-310 Download
File Size   1055.91 Kbytes
Page   16 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description QLSP18XXAU series are high power LEDs that bring high performance and quality of light to wide range of lighting application.

QLSP18XXAU-310 Datasheet (PDF)

Go To PDF Page Download Datasheet
QLSP18XXAU-310 Datasheet PDF - Quelighting Corp

Part # QLSP18XXAU-310
Download  QLSP18XXAU-310 Click to download

File Size   1055.91 Kbytes
Page   16 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description QLSP18XXAU series are high power LEDs that bring high performance and quality of light to wide range of lighting application.

QLSP18XXAU-310 Datasheet (HTML) - Quelighting Corp


QLSP18XXAU-310 Product details

Features:
• High brightness output @ 350mA,
• High driving current to 1000mA
• Package Dimension = 1.6mmX1.6mmX1.5mm
• Low thermal resistance : <6°C/W
• ESD protection up to 4KV
• RoHS compliant
• Custom Bin available upon special request
Application:
• Architecture Lighting
• Garden Lighting
• Exterior Automotive Lighting
• Warming lamp
• Indoor Lighting
• Outdoor Lighting




Similar Part No. - QLSP18XXAU-310

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP12ZC1V-302 QUELIGHTING-QLSP12ZC1V-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZC2V-302 QUELIGHTING-QLSP12ZC2V-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZPV-302 QUELIGHTING-QLSP12ZPV-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZXV-302 QUELIGHTING-QLSP12ZXV-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP1308R-289 QUELIGHTING-QLSP1308R-289 Datasheet
579Kb / 10P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
More results


Similar Description - QLSP18XXAU-310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWW0CT10A SEOUL-SWW0CT10A Datasheet
1Mb / 23P
High reliability and High quality of light
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
High reliability and High quality of light
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
High reliability and High quality of light
SWW0CQ10A SEOUL-SWW0CQ10A Datasheet
894Kb / 23P
High reliability and High quality of light
SWW0CD10B SEOUL-SWW0CD10B Datasheet
1Mb / 23P
High reliability and High quality of light
SWW0CD10A SEOUL-SWW0CD10A Datasheet
1Mb / 23P
High reliability and High quality of light
SWW0Y5PA SEOUL-SWW0Y5PA Datasheet
1Mb / 23P
High reliability and High quality of light High-Power LED for Automotive
logo
Quelighting Corp
QLSP07WXU-175 QUELIGHTING-QLSP07WXU-175 Datasheet
932Kb / 13P
QLSP07WXU-175 is a High Power LED with high performance and quality of light to wide range of lighting application.
2.0 06-22-2020
QLSP07XXU-XX QUELIGHTING-QLSP07XXU-XX Datasheet
956Kb / 13P
QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
1.2 08-07-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com