Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20120C Datasheet (PDF) - Vishay Siliconix

V20120C Datasheet PDF - Vishay Siliconix
Part # V20120C
Download  V20120C Download
File Size   141.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A

V20120C Datasheet (PDF)

Go To PDF Page Download Datasheet
V20120C Datasheet PDF - Vishay Siliconix

Part # V20120C
Download  V20120C Click to download

File Size   141.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A

V20120C Datasheet (HTML) - Vishay Siliconix


V20120C Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.

MECHANICAL DATA
Case: TO-220AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.




Similar Part No. - V20120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20120C VISHAY-V20120C Datasheet
130Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V20120C VISHAY-V20120C Datasheet
163Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20120C VISHAY-V20120C Datasheet
285Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Feb-2024
V20120C-E3 VISHAY-V20120C-E3 Datasheet
285Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Feb-2024
V20120C-E3/4W VISHAY-V20120C-E3/4W Datasheet
163Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
More results


Similar Description - V20120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20100R VISHAY-V20100R Datasheet
151Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
19-May-08
V20120SG VISHAY-V20120SG Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
19-May-08
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
V40100PG VISHAY-V40100PG_08 Datasheet
106Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
26-May-08
V50100P VISHAY-V50100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.375 V at IF = 5 A
26-May-08
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
17-Aug-15
VB20120SG-M3 VISHAY-VB20120SG-M3 Datasheet
88Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
14-May-13
VB20120C-M3 VISHAY-VB20120C-M3 Datasheet
89Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
14-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com