Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8810 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

8810 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 8810
Download  8810 Download
File Size   507.45 Kbytes
Page   4 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

8810 Datasheet (PDF)

Go To PDF Page Download Datasheet
8810 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8810
Download  8810 Click to download

File Size   507.45 Kbytes
Page   4 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

8810 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


8810 Product details

General Description
The 8810 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
load switch or in PWM applications. It is ESD protected.
Standard Product 8810 is Pb-free (meets ROHS & Sony 259
specifications). 8810 is electrically identical.

Features
VDS (V) = 20V
ID = 6A (V GS = 4.5V)
RDS(ON) < 15mΩ (VGS = 4.5V)
RDS(ON) < 19mΩ (VGS = 2.5V)
ESD Rating: 2000V HBM




Similar Part No. - 8810

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8810 HOTTECH-8810 Datasheet
1Mb / 4P
Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN FUMAN ELECTRON...
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
logo
VBsemi Electronics Co.,...
8810 VBSEMI-8810 Datasheet
973Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
3M Electronics
8810 3M-8810 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
logo
Belden Inc.
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
More results


Similar Description - 8810

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com