Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0903024 Datasheet (PDF) - PHOENIX CONTACT

0903024 Datasheet PDF - PHOENIX CONTACT
Part # 0903024
Download  0903024 Download
File Size   625.49 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic miniature circuit-breaker

0903024 Datasheet (PDF)

Go To PDF Page Download Datasheet
0903024 Datasheet PDF - PHOENIX CONTACT

Part # 0903024
Download  0903024 Click to download

File Size   625.49 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic miniature circuit-breaker

0903024 Datasheet (HTML) - PHOENIX CONTACT


0903024 Product details

Description
The EC-E... electronic miniature circuit-breaker selectively protects all 24 V DC load circuits on power supply units. A combination of active electronic current limitation for short circuits and an overload shutdown function from 1.1 x IN upwards ensures that the miniature circuit-breaker can react to overloads faster than the power supply unit. In this case, the residual current is constantly restricted to 1.3 - 1.8 times the nominal current.
This enables capacitive loads of up to 20, 000 μF to be switched on; loads are shut down only in the event of an overload or short circuit.
Once an overload or short circuit has been detected in the load circuit, the load output of the EC-E... is blocked. The current flow in the faulty circuit is interrupted. The EC-E... and, therefore, the current circuit can be activated again using the electronic reset input or manually on the device using the slide switch.
Wiring and signaling tasks can be implemented easily using power rails and plug-in bridges.
A multi-color LED and the integrated status output display the operating and fault state.
The miniature circuit-breaker has a design width of 12.5 mm and can be snapped onto NS 35 DIN rails using a modular approach. It is equipped with screw connections.

Properties
–Selective load protection, electronic shutdown characteristic curve
–Active current limitation when switching on capacitive loads of up to 20, 000 μF and in the event of an overload/short circuit
–Nominal current can be selected in fixed current strengths from 0.5 A ... 12 A
–Safe overload shutdown from 1.1 x IN upwards, even with long load lines or small cable cross-sections
–Manual on/off switch (S1)
–Clear signaling by means of LED, SF status output, or F alarm output (signal contact), (can be combined)
–RE electronic reset input (option)
–Integrated fail-safe element, adapted to nominal current
–Straightforward wiring using LINE+ power rail and 0 V, as well as signal rails and signal bridges




Similar Part No. - 0903024

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09030006101 HARTING-09030006101 Datasheet
1Mb / 2P
DIN-Signal high current m, 10A solder
09030006102 HARTING-09030006102 Datasheet
927Kb / 2P
DIN-Signal high current m, 20A solder
09030006103 HARTING-09030006103 Datasheet
1,006Kb / 2P
DIN-Signal high current m, 40A solder
09030006104 HARTING-09030006104 Datasheet
910Kb / 2P
DIN-Signal high current m, 20A solder
09030006110 HARTING-09030006110 Datasheet
1Mb / 2P
DIN-Signal high current m, 40A solder
More results


Similar Description - 0903024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com