Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QROPE-RBW-50 Datasheet (PDF) - Quelighting Corp

QROPE-RBW-50 Datasheet PDF - Quelighting Corp
Part # QROPE-RBW-50
Download  QROPE-RBW-50 Download
File Size   539.68 Kbytes
Page   4 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description QLST120025 Series STRIP LIGHT with Red, Blue and White LEDs is designed for horticulture lighting. Flexible silicon sealed fixture with IP65 grade waterproof protection.

QROPE-RBW-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
QROPE-RBW-50 Datasheet PDF - Quelighting Corp

Part # QROPE-RBW-50
Download  QROPE-RBW-50 Click to download

File Size   539.68 Kbytes
Page   4 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description QLST120025 Series STRIP LIGHT with Red, Blue and White LEDs is designed for horticulture lighting. Flexible silicon sealed fixture with IP65 grade waterproof protection.

QROPE-RBW-50 Datasheet (HTML) - Quelighting Corp


QROPE-RBW-50 Product details

Features:
 Body housing = Plastic Silicone sealed PCB
 DC 24V input voltage
 Life time = 25,000 hrs
 140o degree viewing angle
 RoHS compliance and CE certification
 Easy installation to replace the traditional fluorescent light tube.
 IP 65 to protect luminaire
 All components of LED Light Tube are recyclable and environmental friendly





Similar Description - QROPE-RBW-50

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-150-12VWWF FORYARD-FYSH-5050RGB-150-12VWWF Datasheet
735Kb / 7P
Waterproof Flexible RGB LED Strip With White PCB
logo
LUMEX INC.
SSP-CS836U12 LUMEX-SSP-CS836U12 Datasheet
46Kb / 1P
MODULAR STRIP LIGHT, 626mm AllGaP RED LEDS.
logo
List of Unclassifed Man...
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
Flexible LED Light Strip
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
Flexible LED Light Strip
701960-6WS241 ETC2-701960-6WS241 Datasheet
276Kb / 1P
Low-profile, flexible strip lighting
logo
Molex Electronics Ltd.
130108-0188 MOLEX11-130108-0188 Datasheet
52Kb / 1P
Haztex 128W Fluorescent Wide Area Tube Light Purged Lighting Fixture with 4 Lamps
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
HB LEDs available in white, red, blue, and green
logo
TT Electronics.
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
logo
Quelighting Corp
TITAN-RGBFR-30 QUELIGHTING-TITAN-RGBFR-30 Datasheet
1Mb / 6P
TITAN Series Light Bar is designed for horticulture application. With better cooling design to reach higher light efficiency.
1.0 09-01-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com