Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF7409B Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF7409B Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF7409B
Download  TF7409B Download
File Size   1457.47 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

TF7409B Datasheet (PDF)

Go To PDF Page Download Datasheet
TF7409B Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF7409B
Download  TF7409B Click to download

File Size   1457.47 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

TF7409B Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF7409B Product details

Description
The TF7409B uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 4.5V.

General Features
● VDS = -30V,ID = -25A
RDS(ON) < 30mΩ @ VGS=-4.5V
RDS(ON) < 17mΩ @ VGS=-10V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package

Application
● Battery Switch
● Load switch
● Power management




Similar Part No. - TF7409B

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
TF70 GREENLEE-TF70 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Dynex Semiconductor
TF707 DYNEX-TF707 Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70720L DYNEX-TF70720L Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70722L DYNEX-TF70722L Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70724L DYNEX-TF70724L Datasheet
39Kb / 5P
Fast Switching Thyristor
More results


Similar Description - TF7409B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com