Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV1K Datasheet (PDF) - Littelfuse

EV1K Datasheet PDF - Littelfuse
Part # EV1K
Download  EV1K Download
File Size   704.78 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Littelfuse EV Fuse EV1K SERIES

EV1K Datasheet (PDF)

Go To PDF Page Download Datasheet
EV1K Datasheet PDF - Littelfuse

Part # EV1K
Download  EV1K Click to download

File Size   704.78 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Littelfuse EV Fuse EV1K SERIES

EV1K Datasheet (HTML) - Littelfuse


EV1K Product details

Description
The Littelfuse EV1K series is an electric vehicle (EV) fuse
designed to protect high-voltage, high-current on-board
applications in electric and hybrid vehicles as well as offboard charging. It was specifically built from the ground up
to meet the stringent requirements and standards of the
electric vehicle industry.

Features
 Mechanical shock and vibration durability to increase
product longevity
 High interrupting rating and open state resistance for
maximum short circuit protection
 Thermal shock resistant to handle temperature
fluctuations for reliable cycling performance
 Temperature and humidity resistant to withstand a wide
variety of environmental conditions

End Markets
 Electric and hybrid passenger vehicles
 Commercial bus, truck, and other heavy-duty electric
and hybrid vehicles
 Construction and agriculture equipment
 On-board and off-board charging infrastructure

Applications
 Battery pack protection
 Traction inverter protection
 Energy storage
 Power conversion
 High voltage power distribution
 Battery disconnect unit

Specifications
Voltage Rating 1000 VDC
Amperage Rating 60 A–600 A
Interrupting Rating 30 kA at 1000 VDC
Time Constant Resistive
Material Body: melamine
(UL 94 Flammability rating V-0)
Terminals: copper alloy (silver plated)
Recommended
Mounting Torque: 14 Nm
Refers To ISO8820
JASO D622
Environmental RoHS Compliant
REACH
Operating Temperature −40 °C to +125 °C
Country of Origin Mexico




Similar Part No. - EV1K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EV1K LITTELFUSE-EV1K Datasheet
460Kb / 4P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
022724
More results


Similar Description - EV1K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
EVTD34V50KASC WPI-EVTD34V50KASC Datasheet
379Kb / 4P
EV Series Varistor
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
logo
Sharma Electro Componen...
EV SHARMA-EV Datasheet
340Kb / 2P
EV Series
logo
Littelfuse
159 LITTELFUSE-159 Datasheet
538Kb / 4P
The 159 Series product is a metal fuse clip with pre-installed Littelfuse 461 Series TeleLink짰 fuse
160 LITTELFUSE-160 Datasheet
719Kb / 3P
The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
461 LITTELFUSE-461 Datasheet
654Kb / 4P
The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
logo
Schurter Inc.
AEO SCHURTER-AEO Datasheet
510Kb / 4P
EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
logo
Bel Fuse Inc.
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
logo
Texas Instruments
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com