Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JLS Datasheet (PDF) - Littelfuse

JLS Datasheet PDF - Littelfuse
Part # JLS_V01
Download  JLS Download
File Size   330.86 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS J ??JLS SERIES FUSES

JLS Datasheet (PDF)

Go To PDF Page Download Datasheet
JLS Datasheet PDF - Littelfuse

Part # JLS_V01
Download  JLS Click to download

File Size   330.86 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS J ??JLS SERIES FUSES

JLS Datasheet (HTML) - Littelfuse


JLS Product details

Description
The UL Listed Class J JLS Series fuses provide space
saving, fast-acting overload and short-circuit protection for
vital industrial and power conversion applications.
Littelfuse’s JLS Series fuses offer best in class current
limitation that prevents equipment damage from overcurrent
faults.

Features and Benefits
• Superior performance in a space saving package
• Reliable interruption of all overcurrents with protection
up to 200kA
• Extremely current limiting
• Fast-acting protection for surge-sensitive devices and
components
• Reduces heating and magnetic effects due to
overcurrents, extending equipment life
• Economical and readily available

Applications
• Power conversion device protection
• Variable speed drives
• Rectifiers
• Resistive loads
• Solid-state devices

Specifications
Voltage Ratings 600 VAC
Interrupting Ratings 200 kA rms symmetrical
Ampere Range 1–600 A
Approvals Standard 248-8, Class J
UL Listed (File: E81895)
CSA Certified (File: LR29862)
Federal Specification WF-1814
(QPL-W-F-1814)




Similar Part No. - JLS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
More results


Similar Description - JLS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
Class J Fuseblocks
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
Class J Fuseblocks
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
DFJ Class J high speed fuses
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
logo
Bourns Electronic Solut...
PF-JT3-30 BOURNS-PF-JT3-30 Datasheet
626Kb / 4P
PF-J Series – Industrial Power Fuses
2022
PF-J BOURNS-PF-J Datasheet
624Kb / 4P
PF-J Series – Industrial Power Fuses
REV. 05/22
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com