Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L60S Datasheet (PDF) - Littelfuse

L60S Datasheet PDF - Littelfuse
Part # L60S
Download  L60S Download
File Size   376.45 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L60S/KLC SERIES TRADITIONAL HIGH-SPEED

L60S Datasheet (PDF)

Go To PDF Page Download Datasheet
L60S Datasheet PDF - Littelfuse

Part # L60S
Download  L60S Click to download

File Size   376.45 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L60S/KLC SERIES TRADITIONAL HIGH-SPEED

L60S Datasheet (HTML) - Littelfuse


L60S Product details

Description
The L60S and KLC series is a traditional North American
style high-speed fuse for protection of power semiconductor
devices that are rated up to 600 V ac. These fuse series
are typically used for replacement purposes only. For new
designs L70QS series is recommended.

Features/Benefits
 Compliance with US and Canadian requirements
 Traditional North American cylindrical & bolted
style dimensions
 Class aR performance

Applications
 Small power converters
 Power supplies
 Control circuits

Specifications
Voltage Rating 600 V ac
Ampere Range 1–800 A
Interrupting Rating 200 kA rms
Approvals UL Recognized (File: E71611)
CSA Recognized (File: LR29862)
Country of Origin Mexico
Operating Temperature -55 °C to +125 °C
Storage Temperature Up to 35 °C with Relative Humidity <65 %




Similar Part No. - L60S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60S1 LITTELFUSE-L60S1 Datasheet
310Kb / 4P
Semiconductor Fuses
L60S10 LITTELFUSE-L60S10 Datasheet
310Kb / 4P
Semiconductor Fuses
L60S100 LITTELFUSE-L60S100 Datasheet
310Kb / 4P
Semiconductor Fuses
L60S12 LITTELFUSE-L60S12 Datasheet
310Kb / 4P
Semiconductor Fuses
L60S125 LITTELFUSE-L60S125 Datasheet
310Kb / 4P
Semiconductor Fuses
More results


Similar Description - L60S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HS21PA-2A HIROSE-HS21PA-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
List of Unclassifed Man...
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
Littelfuse
03400312Z LITTELFUSE-03400312Z Datasheet
194Kb / 3P
Traditional Panel Mount Type
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
Traditional Semiconductor Fuses
logo
List of Unclassifed Man...
KDE2406PTS1 ETC2-KDE2406PTS1 Datasheet
492Kb / 4P
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
Silicon Laboratories
AN731 SILABS-AN731 Datasheet
1Mb / 8P
REPLACING TRADITIONAL OPTO-DRIVERS
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com