Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L70S Datasheet (PDF) - Littelfuse

L70S Datasheet PDF - Littelfuse
Part # L70S
Download  L70S Download
File Size   721.35 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L70S SERIES HIGH-SPEED FUSE

L70S Datasheet (PDF)

Go To PDF Page Download Datasheet
L70S Datasheet PDF - Littelfuse

Part # L70S
Download  L70S Click to download

File Size   721.35 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L70S SERIES HIGH-SPEED FUSE

L70S Datasheet (HTML) - Littelfuse


L70S Product details

Description
Littelfuse L70S Series High-Speed Fuses are designed
to protect today’s equipment and systems, and are
manufactured with Littelfuse-developed technology that
sets tomorrow’s standards for accuracy, consistent quality,
reliability, and predictable performance.
Littelfuse engineers have redefined High-Speed Fuse
technology by using advanced metallurgical, polymer,
and materials research, mathematical modeling, and
computerized statistical analysis.

Features/Benefits
• Extremely Current Limiting
• Low Watt Losses
• Controlled Transient Over-voltages
• UL Recognized

Applications
• AC & DC Drives
• DC Common Bus Protection
• Power Converters
• UPS
• Soft-Starters

Specifications
Voltage Rating 700 Vac
650 Vdc
Amperage Rating 10, 15, 20, 25, 30, 35, 40, 50, 60, 70, 80,
90, 100, 125, 150, 175, 200, 225, 250, 300,
350, 400, 450, 500, 600, 700, 800
Interrupting Rating AC: 200 kAIC
DC: 20 kAIC
Material Body: Melamine
Terminals: Copper (silver plated)
Mounting Type Cylindrical (10 - 30 A)
Bolted Tags (35 - 800 A)
Operating Temperature -55˚ C to +125˚ C
Storage Temperature Up to 35˚ C with relative humidity less than 65%
Approvals UL Recognized (File: E71611)
CSA Recognized (File: LR29862)
Environmental RoHS Compliant
Country of Origin Mexico




Similar Part No. - L70S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L70S10 LITTELFUSE-L70S10 Datasheet
310Kb / 4P
Semiconductor Fuses
L70S100 LITTELFUSE-L70S100 Datasheet
310Kb / 4P
Semiconductor Fuses
L70S125 LITTELFUSE-L70S125 Datasheet
310Kb / 4P
Semiconductor Fuses
L70S15 LITTELFUSE-L70S15 Datasheet
310Kb / 4P
Semiconductor Fuses
L70S150 LITTELFUSE-L70S150 Datasheet
310Kb / 4P
Semiconductor Fuses
More results


Similar Description - L70S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72755D0050H062 EPCOS-B72755D0050H062_12 Datasheet
556Kb / 22P
High-speed series
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
High-speed series
logo
Cooper Bussmann, Inc.
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Littelfuse
1LFS LITTELFUSE-1LFS Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
881 LITTELFUSE-881 Datasheet
531Kb / 3P
881 Series High-Current SMD Fuse
0606000UXTHP LITTELFUSE-0606000UXTHP Datasheet
486Kb / 3P
606 Series High-Current Fuse
LSCR102 LITTELFUSE-LSCR102 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
1LFS LITTELFUSE-1LFS_V01 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
MS3H1000C LITTELFUSE-MS3H1000C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com