Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L75QS Datasheet (PDF) - Littelfuse

L75QS Datasheet PDF - Littelfuse
Part # L75QS
Download  L75QS Download
File Size   886.43 Kbytes
Page   13 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L75QS SERIES HIGH-SPEED ROUND BODY

L75QS Datasheet (PDF)

Go To PDF Page Download Datasheet
L75QS Datasheet PDF - Littelfuse

Part # L75QS
Download  L75QS Click to download

File Size   886.43 Kbytes
Page   13 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description L75QS SERIES HIGH-SPEED ROUND BODY

L75QS Datasheet (HTML) - Littelfuse


L75QS Product details

Description
The L75QS series is a next generation high-speed fuse
for the protection of power semiconductor devices and is
designed in the traditional round body bolted style package.
L75QS series high-speed fuses rated at 750 V dc are
extremely current limiting and are used to protect power
converters, drives and control circuit applications. Designed
with lower I2t performance characteristics, these fuses
provide balanced performance to extend longevity while
lowering potentially damaging heat energy to the devices
being protected.
In addition L75QS series fuses have been designed with a
universal mounting option to meet customer requirements
for installation into a variety of application configurations.
Littelfuse POWR-SPEED products offer optimized circuit
protection at the extremely fast speed required to protect
modern day, sensitive, high-power semiconductor devices.

Features
Compliance with US and Canadian requirements
Traditional North American bolted style dimensions
750 V dc performance
Direct bus-bar mount or stud mount design
Halogen free, RoHS and REACH compliant

Applications
Power converters (inverters, rectifiers)
Power supplies, UPS
EV charging stations
Variable speed drives
Dc common bus

Specifications
Voltage Rating Dc: 750 V
Amperage Rating 35–800 A
Interrupting Rating Dc: 50 kA
Time Constant 10 ms
Material Body: Melamine
Caps: Copper Alloy
Approvals UL Recognized (E71611)
cURus (E71611)
Environmental RoHS compliant, REACH
Country of Origin Mexico
Operating Temperature -55 °C to +125 °C
Storage Temperature Up to 35 °C with relative humidity <65 %




Similar Part No. - L75QS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L75QS035 LITTELFUSE-L75QS035 Datasheet
850Kb / 13P
750 V dc ? Very Fast Acting ? 35?800 A
Rev: 1-A-061819
L75QS035.V LITTELFUSE-L75QS035.V Datasheet
850Kb / 13P
750 V dc ? Very Fast Acting ? 35?800 A
Rev: 1-A-061819
L75QS040 LITTELFUSE-L75QS040 Datasheet
850Kb / 13P
750 V dc ? Very Fast Acting ? 35?800 A
Rev: 1-A-061819
L75QS040.V LITTELFUSE-L75QS040.V Datasheet
850Kb / 13P
750 V dc ? Very Fast Acting ? 35?800 A
Rev: 1-A-061819
L75QS050 LITTELFUSE-L75QS050 Datasheet
850Kb / 13P
750 V dc ? Very Fast Acting ? 35?800 A
Rev: 1-A-061819
More results


Similar Description - L75QS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L50QS300.V LITTELFUSE-L50QS300.V Datasheet
853Kb / 12P
L50QS SERIES HIGH-SPEED ROUND BODY FUSES
Rev: 110317
L70QS300.X LITTELFUSE-L70QS300.X Datasheet
995Kb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L70QS LITTELFUSE-L70QS Datasheet
1Mb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030US0550Z LITTELFUSE-PSR030US0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com