Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0FLM005T Datasheet (PDF) - Littelfuse

0FLM005T Datasheet PDF - Littelfuse
Part # 0FLM005T
Download  0FLM005T Download
File Size   317.1 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Supplemental Fuses FLM Series

0FLM005T Datasheet (PDF)

Go To PDF Page Download Datasheet
0FLM005T Datasheet PDF - Littelfuse

Part # 0FLM005T
Download  0FLM005T Click to download

File Size   317.1 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Supplemental Fuses FLM Series

0FLM005T Datasheet (HTML) - Littelfuse


0FLM005T Product details

Description
Use FLM 250 volt time-delay fuses to protect control circuit transformers, solenoids, and other circuits with high in-rush
currents. Excellent for supplemental protection of small motors. For motor branch circuit protection, refer to Class CC fuses

Features & Benefits
10x38 mm dimensions - Common dimensions used in a variety of applications
Fiber body - Cost effective materials provide customers a lower cost alternative
for supplemental circuit protection
Time-delay blowing characteristics - Overload protection for inductive load applications

Applications
• Motor protection
• Transformer protection
Specifications
Voltage Rating Ac: 250 V
Dc: 125 V
Interrupting Ratings Ac: 10,000 A
Dc: 10,000 A Self Certified
Ampere Range 1
⁄10–30A
Applicable Standards UL 248-14
Environmental REACH, RoHS
Material Body: Paper
Cap: Nickle plated bronze
Country of Origin Mexico
Fuse Weight .010 lbs (4.54g)




Similar Part No. - 0FLM005T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0FLM005.T LITTELFUSE-0FLM005.T Datasheet
430Kb / 1P
Slow-Blo Type Fuse FLM Series
More results


Similar Description - 0FLM005T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
BAF-5 COOPER-BAF-5 Datasheet
306Kb / 2P
13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
MIS non time-delay pin indicating supplemental fuses
logo
List of Unclassifed Man...
KLM-1-10 ETC1-KLM-1-10 Datasheet
318Kb / 2P
supplemental fuses
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
logo
Littelfuse
BLN LITTELFUSE-BLN_V01 Datasheet
303Kb / 4P
Supplemental Fuses BLN Series
Rev: 100121
logo
Eaton All Rights Reserv...
FNM-8 EATON-FNM-8 Datasheet
467Kb / 3P
FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com