Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103126 Datasheet (PDF) - PHOENIX CONTACT

103126 Datasheet PDF - PHOENIX CONTACT
Part # 103126
Download  103126 Download
File Size   352.77 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

103126 Datasheet (PDF)

Go To PDF Page Download Datasheet
103126 Datasheet PDF - PHOENIX CONTACT

Part # 103126
Download  103126 Click to download

File Size   352.77 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

103126 Datasheet (HTML) - PHOENIX CONTACT


103126 Product details

Description
QUINT POWER power supply units – Superior system availability
with SFB technology
Compact power supply units of the new QUINT POWER
generation maximize the availability of your system. With
the SFB technology (Selective Fuse Breaking Technology),
six times the nominal current for 12 ms, even the standard
power circuit-breakers can now also be triggered reliably
and quickly. Faulty current paths are switched off selectively,
the fault is located and important system parts continue
to operate. Comprehensive diagnostics are provided
through constant monitoring of output voltage and current.
This preventive function monitoring visualizes critical operating
modes and reports them to the control unit before an
error can occur.

Features
Superior system availability
– Using SFB technology (6 times the nominal current for
12 ms), circuit breakers are tripped quickly and important
system parts remain in operation
– Through the preventive monitoring of output voltage
and current and the transmission of critical operating
states to the controller
– Through reliable starting of difficult loads with POWER
BOOST power reserve
– Long mains buffering > 20 ms
– High MTBF > 820,000 h (40°C)
Worldwide use
– Input voltage from 85 V AC ... 264 V AC
– Input voltage from 90 V DC ... 350 V DC
Flexible use
– Adjustable output voltage
– Can be used in Class I, Division 2, Groups A, B, C, D
(Hazardous Location) ANSI-ISA 12.12




Similar Part No. - 103126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10312 ETC2-10312 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Heyco.
10312 HEYCO-10312 Datasheet
106Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Extreme Networks.
10312 EXTREMENETWORKS-10312 Datasheet
206Kb / 10P
High-performance 24-port 10Gb aggregation switch
30aug23
10312 EXTREMENETWORKS-10312 Datasheet
211Kb / 12P
Scalable advanced 10Gb aggregation switch
13oct23
10312 EXTREMENETWORKS-10312 Datasheet
219Kb / 11P
High-performance 48-port 10Gb aggregation and leaf switch
16aug23
More results


Similar Description - 103126

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR5T ALLEN-BRADLEY-MSR5T_1 Datasheet
45Kb / 2P
Power Supply Unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
8149585 FESTO-8149585 Datasheet
88Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com